Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16601 Datasheet(PDF) 17 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16601
Description  18-bit universal bus transceiver; 3-state
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16601 Datasheet(HTML) 17 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16601 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 21Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
74ALVT16601_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 5 July 2005
16 of 20
Philips Semiconductors
74ALVT16601
18-bit universal bus transceiver; 3-state
13. Package outline
Fig 12. Package outline SOT371-1 (SSOP56)
UNIT
A1
A2
A3
bp
cD (1)
E (1)
eHE
LL p
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.4
0.2
2.35
2.20
0.25
0.3
0.2
0.22
0.13
18.55
18.30
7.6
7.4
0.635
10.4
10.1
1.0
0.6
1.2
1.0
0.85
0.40
8
0
o
o
0.18
0.25
1.4
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT371-1
99-12-27
03-02-18
(1)
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
56
29
MO-118
28
1
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
pin 1 index
0
5
10 mm
scale
SSOP56: plastic shrink small outline package; 56 leads; body width 7.5 mm
SOT371-1
A
max.
2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com