Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16601 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16601
Description  18-bit universal bus transceiver; 3-state
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16601 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16601 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
74ALVT16601_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 5 July 2005
8 of 20
Philips Semiconductors
74ALVT16601
18-bit universal bus transceiver; 3-state
[1]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings
are observed.
[2]
The performance capability of a high-performance integrated circuit in conjunction with its thermal
environment can create junction temperatures which are detrimental to reliability.
9.
Recommended operating conditions
IIK
input diode current
VI <0V
-
−50
mA
IOK
output diode current
VO <0V
-
−50
mA
IO
output current
output in LOW-state
-
128
mA
output in HIGH-state
-
−64
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
[2] -
150
°C
Table 5:
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
Table 6:
Recommended operating conditions
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC = 2.5 V ± 0.2 V
VCC
supply voltage
2.3
-
2.7
V
VI
input voltage
0
-
5.5
V
VIH
HIGH-level input voltage
1.7
-
-
V
VIL
LOW-level input voltage
-
-
0.7
V
IOH
HIGH-level output current
-
-
−8mA
IOL
LOW-level output current
none
-
-
8
mA
current duty cycle
≤ 50 %;
f
≥ 1 kHz
--24
mA
∆t/∆V
input transition rise or fall
rate
outputs enabled
-
-
10
ns/V
Tamb
ambient temperature
−40
-
+85
°C
VCC = 3.3 V ± 0.3 V
VCC
supply voltage
3.0
-
3.6
V
VI
input voltage
0
-
5.5
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
IOH
HIGH-level output current
-
-
−32
mA
IOL
LOW-level output current
none
-
-
32
mA
current duty cycle
≤ 50 %;
f
≥ 1 kHz
--64
mA
∆t/∆V
input transition rise or fall
rate
outputs enabled
-
-
10
ns/V
Tamb
ambient temperature
in free air
−40
-
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com