Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2126 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2126
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2126 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2126 Datasheet HTML 1Page - Diodes Incorporated AP2126 Datasheet HTML 2Page - Diodes Incorporated AP2126 Datasheet HTML 3Page - Diodes Incorporated AP2126 Datasheet HTML 4Page - Diodes Incorporated AP2126 Datasheet HTML 5Page - Diodes Incorporated AP2126 Datasheet HTML 6Page - Diodes Incorporated AP2126 Datasheet HTML 7Page - Diodes Incorporated AP2126 Datasheet HTML 8Page - Diodes Incorporated AP2126 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP2126
Document number: DS39758 Rev. 2 - 2
4 of 9
www.diodes.com
May 2017
© Diodes Incorporated
AP2126
Performance Characteristics
Output Voltage vs. Output Current
Output Voltage vs. Output Current
Dropout Voltage vs. Output Current
Dropout Voltage vs. Case Temperature
Quiescent Current vs. Output Current
Quiescent Current vs. Case Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Current (A)
T
C
=-40
oC
T
C
=+25
oC
T
C
=+85
oC
V
IN
=4.3V, V
OUT
=3.3V
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Current (A)
V
IN
=3.8V
V
IN
=4.3V
V
IN
=6V
T
C
=+25
0C, V
OUT
=3.3V
50
100
150
200
250
300
0
20
40
60
80
100
120
140
160
180
200
220
240
Output Current (mA)
T
C
=-40
oC
T
C
=+25
oC
T
C
=+85
oC
V
OUT
=3.3V
-40
-20
0
20
40
60
80
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Case Temperature (
oC)
I
OUT
=10mA
I
OUT
=150mA
I
OUT
=300mA
V
IN
=4.3V, V
OUT
=3.3V
0
50
100
150
200
250
300
65
70
75
80
85
90
95
100
105
110
115
Output Current (mA)
T
C
=-40
oC
T
C
=+25
oC
T
C
=+85
oC
V
IN
=4.3V, V
OUT
=3.3V
-40
-20
0
20
40
60
80
100
120
62
63
64
65
66
67
68
69
70
71
Case Temperature (
oC)
I
OUT
=0
V
IN
=4.3V
V
OUT
=3.3V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com