Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2126 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2126
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2126 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2126 Datasheet HTML 1Page - Diodes Incorporated AP2126 Datasheet HTML 2Page - Diodes Incorporated AP2126 Datasheet HTML 3Page - Diodes Incorporated AP2126 Datasheet HTML 4Page - Diodes Incorporated AP2126 Datasheet HTML 5Page - Diodes Incorporated AP2126 Datasheet HTML 6Page - Diodes Incorporated AP2126 Datasheet HTML 7Page - Diodes Incorporated AP2126 Datasheet HTML 8Page - Diodes Incorporated AP2126 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP2126
Document number: DS39758 Rev. 2 - 2
3 of 9
www.diodes.com
May 2017
© Diodes Incorporated
AP2126
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
3.0
6
V
TA
Operating Ambient Temperature Range
-40
+85
°C
Electrical Characteristics (AP2126-ADJ, VIN min = 3.0V, CIN = 1µF, COUT = 1µF, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREF
Reference Voltage
VIN = 3.0V, 1mA ≤IOUT ≤300mA
1.225
1.25
1.275
V
VIN
Input Voltage
—
3.0
—
6
V
IOUT(MAX)
Maximum Output Current
VIN = 3.0V, VOUT = 98% xVOUT
300
400
—
mA
VOUT
/(
IOUT*VOUT)
Load Regulation
VIN = 3.0V, 1mA ≤ IOUT ≤ 300mA
—
—
0.6
%/A
VOUT
/(
VIN*VOUT)
Line Regulation
VIN = 3.0V to 6V, IOUT = 30mA
—
—
0.06
%/V
IQ
Quiescent Current
VIN = 3.0V, IOUT = 0mA
—
60
90
µA
ISTD
Standby Current
VIN = 3.0V, VShutdown in Off Mode
—
0.1
1.0
µA
PSRR
Power Supply Rejection Ratio
Ripple 1Vp-p
VIN = 3.5V
f = 100Hz
—
68
—
dB
f = 1kHz
—
68
—
dB
f = 10kHz
—
54
—
dB
(
VOUT/VOUT)
/
T
Output Voltage
Temperature Coefficient
IOUT = 30mA, -40°C  TA  +85°C
—
±100
—
ppm/°C
ISHORT
Short Current Limit
VOUT = 0V
—
50
—
mA
tUP
Soft Start Time
—
—
50
—
µs
VNOISE
RMS Output Noise
TA = +25°C, 10Hz ≤ f ≤ 100kHz,
VOUT = 1.25V
—
80
—
µVrms
—
Shutdown "High" Voltage
Shutdown Input Voltage "High"
1.5
—
6
V
—
Shutdown "Low" Voltage
Shutdown Input Voltage "Low"
0
—
0.4
V
—
VOUT Discharge MOSFET RDS(ON)
Shutdown Input Voltage "Low"
—
60
—
Ω
—
Shutdown Pull Down Resistance
—
—
3
—
M
Ω
—
Thermal Shutdown
—
—
+165
—
°C
—
Thermal Shutdown Hysteresis
—
—
+30
—
°C
JC
Thermal Resistance
SOT-23-5
—
150
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com