Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBP104FASR Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VBP104FASR
Description  Silicon PIN Photodiode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBP104FASR Datasheet(HTML) 7 Page - Vishay Siliconix

  VBP104FASR_V02 Datasheet HTML 1Page - Vishay Siliconix VBP104FASR_V02 Datasheet HTML 2Page - Vishay Siliconix VBP104FASR_V02 Datasheet HTML 3Page - Vishay Siliconix VBP104FASR_V02 Datasheet HTML 4Page - Vishay Siliconix VBP104FASR_V02 Datasheet HTML 5Page - Vishay Siliconix VBP104FASR_V02 Datasheet HTML 6Page - Vishay Siliconix VBP104FASR_V02 Datasheet HTML 7Page - Vishay Siliconix VBP104FASR_V02 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
VBP104FAS, VBP104FASR
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 24-Jun-14
7
Document Number: 81169
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
REEL DIMENSIONS FOR VBP104FAS AND VBP104FASR in millimeters
SOLDER PROFILE
Fig. 8 - Lead (Pb)-free Reflow Solder Profile
acc. J-STD-020
DRYPACK
Devices are packed in moisture barrier bags (MBB) to
prevent the products from moisture absorption during
transportation and storage. Each bag contains a desiccant.
FLOOR LIFE
Time between soldering and removing from MBB must not
exceed the time indicated in J-STD-020:
Moisture sensitivity: level 3
Floor life: 168 h
Conditions: Tamb < 30 °C, RH < 60 %
DRYING
In case of moisture absorption devices should be
baked before soldering. Conditions see J-STD-020 or
recommended conditions:
192 h at 40 °C (+ 5 °C), RH < 5 %
or
96 h at 60 °C (+ 5 °C), RH < 5 %.
21732
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s max. ramp down 6 °C/s
19841
255 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com