Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBP104FASR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VBP104FASR
Description  Silicon PIN Photodiode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBP104FASR Datasheet(HTML) 2 Page - Vishay Siliconix

  VBP104FASR_V02 Datasheet HTML 1Page - Vishay Siliconix VBP104FASR_V02 Datasheet HTML 2Page - Vishay Siliconix VBP104FASR_V02 Datasheet HTML 3Page - Vishay Siliconix VBP104FASR_V02 Datasheet HTML 4Page - Vishay Siliconix VBP104FASR_V02 Datasheet HTML 5Page - Vishay Siliconix VBP104FASR_V02 Datasheet HTML 6Page - Vishay Siliconix VBP104FASR_V02 Datasheet HTML 7Page - Vishay Siliconix VBP104FASR_V02 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VBP104FAS, VBP104FASR
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 24-Jun-14
2
Document Number: 81169
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Reverse Dark Current vs. Ambient Temperature
Fig. 2 - Relative Reverse Light Current vs. Ambient Temperature
Fig. 3 - Reverse Light Current vs. Irradiance
Fig. 4 - Reverse Light Current vs. Reverse Voltage
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 50 mA
VF
11.3
V
Breakdown voltage
IR = 100 μA, E = 0
V(BR)
60
V
Reverse dark current
VR = 10 V, E = 0
Iro
230
nA
Diode capacitance
VR = 0 V, f = 1 MHz, E = 0
CD
48
pF
VR = 3 V, f = 1 MHz, E = 0
CD
17
40
pF
Open circuit voltage
Ee = 1 mW/cm2,
λ = 950 nm
Vo
350
mV
Temperature coefficient of Vo
Ee = 1 mW/cm2,
λ = 950 nm
TKVo
-2.6
mV/K
Short circuit current
Ee = 1 mW/cm2,
λ = 950 nm
Ik
32
μA
Temperature coefficient of Ik
Ee = 1 mW/cm2,
λ = 950 nm
TKIk
0.1
%/K
Reverse light current
Ee = 1 mW/cm2,
λ = 950 nm, VR = 5 V
Ira
25
35
μA
Angle of half sensitivity
ϕ
± 65
deg
Wavelength of peak sensitivity
λp
950
nm
Range of spectral bandwidth
λ0.5
780 to 1050
nm
Noise equivalent power
VR = 10 V,
λ = 950 nm
NEP
4 x 10-14
W/
√Hz
Rise time
VR = 10 V, RL = 1 k
Ω, λ = 820 nm
tr
100
ns
Fall time
VR = 10 V, RL = 1 k
Ω, λ = 820 nm
tf
100
ns
20
40
60
80
1
10
100
1000
100
94 8403
V
R = 10 V
T
amb - Ambient Temperature (°C)
0.6
0.8
1.0
1.2
1.4
94 8409
VR =5V
λ = 950 nm
100
80
60
40
20
0
T
- Ambient Temperature (°C)
amb
0.01
0.1
1
0.1
1
10
100
1000
10
94 8421
V
R = 5 V
λ = 950 nm
Ee - Irradiance (mW/cm
2)
0.1
1
10
1
10
100
V
R - Reverse Voltage (V)
100
94 8422
1 mW/cm2
0.5 mW/cm2
0.2 mW/cm2
0.1 mW/cm2
0.05 mW/cm2
λ = 950 nm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com