Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16652 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALVT16652
Description  2.5V/3.3V 16-bit bus transceiver/register 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16652 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVT16652 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16652
2.5V/3.3V 16-bit bus transceiver/register
(3-State)
1998 Feb 13
4
LOGIC DIAGRAM
1D
C1
Q
DETAIL A X 7
nB0
1D
C1
Q
nA0
1of 8 Channels
nA7
nA6
nA5
nA4
nA3
nA2
nA1
nB1
nB2
nB3
nB4
nB5
nB6
nB7
nOEBA
nOEAB
nCPBA
nSBA
nCPAB
nSAB
SH00065
FUNCTION TABLE
INPUTS
DATA I/O
OPERATING MODE
nOEAB
nOEBA
nCPAB
nCPBA
nSAB
nSBA
nAx
nBx
OPERATING MODE
L
L
H
H
H or L
↑
H or L
↑
X
X
X
X
Input
Input
Isolation
Store A and B data
X
H
H
H
↑
↑
H or L
↑
X
**
X
X
Input
Unspecified
output*
Store A, Hold B
Store A in both registers
L
L
X
L
H or L
↑
↑
↑
X
X
X
**
Unspecified
output*
Input
Hold A, Store B
Store B in both registers
L
L
L
L
X
X
X
H or L
X
X
L
H
Output
Input
Real time B data to A bus
Stored B data to A bus
H
H
H
H
X
H or L
X
X
L
H
X
X
Input
Output
Real time A data to B bus
Store A data to B bus
H
L
H or L
H or L
H
H
Output
Output
Stored A data to B bus
Stored B data to A bus
H = High voltage level
L
= Low voltage level
X = Don’t care
↑ = Low-to-High clock transition
*
The data output function may be enabled or disabled by various signals at the nOEBA and nOEAB inputs. Data input functions are
always enabled, i.e., data at the bus pins will be stored on every Low-to-High transition of the clock.
**
If both Select controls (nSAB and nSBA) are Low, then clocks can occur simultaneously. If either Select control is High, the clocks must
be staggered in order to load both registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com