Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16652 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT16652
Description  2.5V/3.3V 16-bit bus transceiver/register 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16652 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT16652 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16652
2.5V/3.3V 16-bit bus transceiver/register
(3-State)
2
1998 Feb 13
853-1854 18962
FEATURES
• 16–bit bus interface
• 5V I/O Compatible
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up reset
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC JC40.2 Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ALVT16652 is a high-performance BiCMOS product
designed for VCC operation at 2.5V or 3.3V with I/O compatibility up
to 5V. The device can be used as two 8-bit transceivers or one
16-bit transceiver.
Complimentary output-enable (OEAB and OEBA) inputs are
provided to control the transceiver functions. Select-control (SAB
and SBA) inputs are provided to select whether real-time or stored
data is transferred. A Low-input level selects real-time data, and a
High input level selects stored data. The circuitry used for select
control eliminates the typical decoding glitch that occurs in a
multiplexer during the transition between stored and real-time data.
Data on the A or B bus, or both, can be stored in the internal
flip-flops by Low-to-High transitions at the appropriate clock (CPAB
or CPBA) inputs regardless of the levels on the select-control or
output-enable inputs. When SAB and SBA are in real-time transfer
mode, it is possible to store data without using the internal D-type
flip-flops by simultaneously enabling OEAB and OEBA. In this
configuration, each output reinforces its input. Thus, when all other
data sources to the two sets of bus lines are at high impedance,
each set of bus lines remains at its last level configuration.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C
2.5V
3.3V
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
CL = 50pF
2.0
2.1
1.5
1.6
ns
CIN
Input capacitance DIR, OE
VI = 0V or VCC
3
3
pF
CI/O
I/O pin capacitance
VI/O = 0V or VCC
9
9
pF
ICCZ
Total supply current
Outputs disabled
40
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVT16652 DL
AV16652 DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVT16652 DGG
AV16652 DGG
SOT364-1
LOGIC SYMBOL (IEEE/IEC)
56
1
55
54
2
5
6
8
9
10
12
13
14
3
EN1(BA)
EN2(AB)
C3
G4
C5
G6
w1
1
5D
6
16
43D
4
1
w1
2
52
51
49
48
47
45
44
43
29
28
30
31
27
26
15
16
17
19
20
21
23
24
42
41
40
38
37
36
34
33
w1
7
11D 12
1 12
10
9D
10
1
w1
8
EN7(BA)
EN8(AB)
C9
G10
C11
G12
SW00158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com