Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16731 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVT16731
Description  2.5V/3.3V 1-to-4 address register/driver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16731 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVT16731 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16731
2.5V/3.3V 1-to-4 address register/driver (3-State)
1999 Mar 30
8
1. All typical values are at VCC = 2.5V and Tamb = 25°C.
AC SETUP REQUIREMENTS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V ±0.2V
UNIT
MIN
TYP1
ts(H)
ts(L)
Setup time, High or Low
Ax to CLK
4
2.4
2.3
0.9
0.8
ns
th(H)
th(L)
Hold time, High or Low
Ax to CLK
4
0
0
–0.7
–0.6
ns
tw(H)
tw(L)
Pulse width, High or Low
CLK
3
1.5
1.5
ns
NOTE:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.
AC WAVEFORMS
NOTES:
1. VM = 1.5V at VCC w 3.0V, VM = VCC/2 at VCC v 2.7V
2. VX = VOL + 0.3V at VCC w 3.0V, VX = VOL + 0.150V at VCC v 2.7V
3. VY = VOH – 0.3V at VCC w 3.0V, VY = VOH – 0.150V at VCC v 2.7V
VOL
tPLH
VOH
0V
tPHL
3.0V or VCC,
whichever is
less
SW00276
SEL
nAx
nYx
Waveform 1.
Input (Ax) to Output (nYx) Propagation Delay,
transparent mode. SEL to Output (nYx) Propagation Delay
nOE
INPUT
VM
VM
tPZH
tPHZ
nYx
OUTPUT
VOH
VM
VM
nYx
OUTPUT
VOL
tPZL
tPLZ
0V
VX
VY
3.0V or VCC
whichever is
less
0V
SW00204
Waveform 2. 3-State Output Enable and Disable Times
tPHL
tPLH
VOH
tW(L)
1/fMAX
CLK
nYx
tW(H)
VOL
3.0V or VCC,
whichever is
less
0V
SW00277
Waveform 3. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
0V
Ax
CLK
tS(H)
th(H)
tS(L)
th(L)
0V
3.0V or VCC,
whichever is
less
3.0V or VCC,
whichever is
less
SW00278
Waveform 4. Data Setup and Hold Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com