Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16731 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVT16731
Description  2.5V/3.3V 1-to-4 address register/driver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16731 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVT16731 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16731 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16731
2.5V/3.3V 1-to-4 address register/driver (3-State)
1999 Mar 30
3
PIN CONFIGURATION
GND
3Y3
VCC
GND
4Y1
GND
CLK
VCC
VCC
A7
4Y4
VCC
VCC
GND
Vcc
GND
GND
3Y6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
3Y1
2Y1
1Y1
A1
A2
A3
OE1
OE2
SEL
A4
A5
A6
GND
4Y7
3Y7
2Y7
1Y7
4Y6
1Y2
2Y2
4Y2
3Y2
1Y3
2Y3
GND
4Y3
VCC
1Y4
2Y4
GND
3Y4
GND
1Y5
2Y5
3Y5
4Y5
1Y6
2Y6
SV01733
FUNCTION TABLE
INPUTS
OUTPUTS
OE
SEL
CLK
A
Y
H
X
X
X
Z
L
H
X
L
L
L
H
X
H
H
L
L
↑
L
L
L
L
↑
H
H
LOGIC DIAGRAM
SV01734
OE1
OE2
CLK
A1
SEL
CLK
To six other channels
1Y1
2Y1
3Y1
4Y1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com