Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16821 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVT16821
Description  20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16821 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVT16821 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product specification
74ALVT16821
2.5V/3.3V 20-bit bus-interface D-type flip-flop;
positive-edge trigger (3-State)
1998 Feb 13
8
AC CHARACTERISTICS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = -40 to +85oC
VCC = +2.5V ±0.2V
UNIT
MIN
TYP
MAX
fMAX
Maximum clock frequency
1
150
MHz
tPLH
tPHL
Propagation delay
nCP to nQx
1
1.0
1.0
2.6
2.7
4.0
4.4
ns
tPZH
tPZL
Output enable time
to High and Low level
3
4
1.5
1.0
2.8
1.8
4.6
3.0
ns
tPHZ
tPLZ
Output disable time
from High and Low level
3
4
1.5
1.0
2.7
2.1
4.1
3.3
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENTS (2.5V
"0.2V RANGE)
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = -40 to +85oC
VCC = +2.5 ±0.2V
UNIT
MIN
TYP
ts(H)
ts(L)
Setup time, High or Low
nDx to nCP
2
1.5
2.0
0.1
0.5
ns
th(H)
th(L)
Hold time, High or Low
nDx to nCP
2
0.3
0.5
–0.5
–0.1
ns
tw(H)
tw(L)
nCP pulse width
High or Low
1
1.5
1.5
ns
AC WAVEFORMS
VM = 1.5V at VCC w 3.0V; VM = VCC/2 at VCC v 2.7V
VX = VOL + 0.3V at VCC w 3.0V; VX = VOL + 0.15V at VCC v 2.7V
VY = VOH – 0.3V at VCC w 3.0V; VY = VOH – 0.15V at VCC v 2.7V
VM
SH00005
nCP
nQx
VM
tw(H)
tPHL
VM
tPLH
1/fMAX
VM
VM
tw(L)
0V
VOH
VOL
3.0V or VCC
whichever
is less
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock frequency
th(H)
ts(H)
CP
SH00006
VM
VM
VM
VM
VM
VM
th(L)
ts(L)
nDx
0V
0V
3.0V or VCC
whichever
is less
3.0V or VCC
whichever
is less
Waveform 2. Data Setup and Hold Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com