Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16821 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVT16821
Description  20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16821 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVT16821 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16821 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
Product specification
74ALVT16821
2.5V/3.3V 20-bit bus-interface D-type flip-flop;
positive-edge trigger (3-State)
1998 Feb 13
3
LOGIC SYMBOL
1D0 1D1 1D2 1D3 1D4 1D5 1D6
1D7
1Q0 1Q1 1Q2 1Q3 1Q4 1Q5 1Q6
1Q7
1D8
1D9
1Q8
1Q9
2D0 2D1 2D2 2D3 2D4 2D5 2D6
2D7
2Q0 2Q1 2Q2 2Q3 2Q4 2Q5 2Q6
2Q7
2D8
2D9
2Q8
2Q9
56
54
52
51
49
48
47
45
44
43
56
1
29
28
2
3
5
6
8
9
10
12
13
14
42
41
40
38
37
36
34
33
31
30
15
16
17
19
20
21
23
24
26
27
SH00002
1CP
1OE
2CP
2OE
LOGIC SYMBOL (IEEE/IEC)
EN2
2
∇
C1
EN4
C3
1D
4
∇
3D
SH00003
1
56
28
29
55
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
31
30
2
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
26
27
1OE
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1Q8
1Q9
2Q0
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
2Q8
2Q9
2OE
1CP
1D0
1D1
1D2
1D3
1D4
1D5
1D6
1D7
1D8
1D9
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
2D8
2D9
2CP
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
1OE
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
GND
VCC
GND
1Q7
1Q8
1Q9
2Q0
2Q1
2Q2
GND
2Q3
2Q4
2Q5
VCC
2Q6
2Q7
GND
2Q8
2Q9
2OE
1CP
1D0
1D1
GND
1D2
1D3
VCC
1D4
1D5
1D6
GND
1D7
1D8
1D9
2D0
2D1
2D2
GND
2D3
2D4
2D5
VCC
2D6
2D7
GND
2D8
2D9
2CP
SH00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com