Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4296 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4296
Description  Low Drop Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4296 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4296 Datasheet HTML 2Page - Infineon Technologies AG TLE4296 Datasheet HTML 3Page - Infineon Technologies AG TLE4296 Datasheet HTML 4Page - Infineon Technologies AG TLE4296 Datasheet HTML 5Page - Infineon Technologies AG TLE4296 Datasheet HTML 6Page - Infineon Technologies AG TLE4296 Datasheet HTML 7Page - Infineon Technologies AG TLE4296 Datasheet HTML 8Page - Infineon Technologies AG TLE4296 Datasheet HTML 9Page - Infineon Technologies AG TLE4296 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Sheet
6
Rev. 1.0, 2004-01-01
TLE 4296
Table 4
Electrical Characteristics
V
I = 13.5 V; VINH > +2.5 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
Output voltage
V30 version
V
Q
2.88
3.0
3.12
V
1 mA <
I
Q < 30 mA
V
I = 13.5 V
Output voltage
V30 version
V
Q
2.88
3.0
3.12
V
I
Q = 10 mA
4 V <
V
I < 40 V
Output voltage
V33 version
V
Q
3.17
3.30
3.43
V
1 mA <
I
Q < 30 mA
V
I = 13.5 V
Output voltage
V33 version
V
Q
3.17
3.30
3.43
V
I
Q = 10 mA
4.3 V <
V
I < 40 V
Output voltage
V50 version
V
Q
4.80
5.00
5.20
V
1 mA <
I
Q < 30 mA
V
I = 13.5 V
Output voltage
V50 version
V
Q
4.80
5.00
5.20
V
I
Q = 10 mA
6 V <
V
I < 40 V
Output current limitation
I
Q
30
––
mA
1)
Drop voltage
V
dr
–
0.25
0.30
V
I
Q = 20 mA
1)
Output capacitor
C
Q
2.2
––
µF3 Ω ≤ ESR ≤ 10 Ω
at 100 kHz
Current consumption
I
q = II - IQ
I
q
–
24.5
mA
I
Q < 30 mA
Current consumption
I
q = II - IQ
I
q
–
110
170
µA
I
Q < 1 mA;
T
j < 85 °C
Quiescent current
(stand-by)
I
q = II - IQ
I
q
–
01
µA
V
INH = 0.4 V;
T
j < 85 °C
Quiescent current
(stand-by)
I
q = II - IQ
I
q
–
05
µA
V
INH = 0.4 V
Load regulation
∆V
Q
–
10
20
mV
1 mA <
I
Q < 25 mA;
T
j = 25 °C
Line regulation
∆V
Q
–
5
20
mV
V
I = (VQ,nom + 0.5 V)
to 36 V
I
Q = 5 mA; Tj = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com