Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4296 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4296
Description  Low Drop Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4296 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4296 Datasheet HTML 3Page - Infineon Technologies AG TLE4296 Datasheet HTML 4Page - Infineon Technologies AG TLE4296 Datasheet HTML 5Page - Infineon Technologies AG TLE4296 Datasheet HTML 6Page - Infineon Technologies AG TLE4296 Datasheet HTML 7Page - Infineon Technologies AG TLE4296 Datasheet HTML 8Page - Infineon Technologies AG TLE4296 Datasheet HTML 9Page - Infineon Technologies AG TLE4296 Datasheet HTML 10Page - Infineon Technologies AG TLE4296 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TLE 4296
Data Sheet
7
Rev. 1.0, 2004-01-01
Power-Supply-Ripple-
Rejection
PSRR
–
60
–
dB
f
r = 100 Hz;
V
r = 0.5 Vpp
Logic Inhibit Input
Inhibit, Turn-on voltage
V
INH, high
––
2.2
V
V
Q > 0.95 VQ,nom
Inhibit, Turn-off voltage
V
INH, low
0.4
––
V
V
Q > 0.1 V
H-input current
I
INH, high
–
812
µA
V
INH = 5 V
L-input current
I
INH, low
-2
–
2
µA
V
INH = 0 V
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value.
Table 4
Electrical Characteristics (cont’d)
V
I = 13.5 V; VINH > +2.5 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com