Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-HT3100T-R15H0AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # WA-HT3100T-R15H0AE
Description  6.5"~21.5" TFT LCD Windows-based Thin Client Terminal with WebAccess/HMI Runtime
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WA-HT3100T-R15H0AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  WA-HT3100T-R15H0AE Datasheet HTML 1Page - Advantech Co., Ltd. WA-HT3100T-R15H0AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
WA-HT HMI Series
Configuration Options
Unit: mm
Ordering Information
ƒ
WA-HT3070T-R15H0AE WOP-3070T-C4AE, HMI Runtime 1500 tags, 512M SD,
WinCE
ƒ
WA-HT3100T-R15H0AE WOP-3100T-C4AE, HMI Runtime 1500 tags, 512M SD,
WinCE
ƒ
WA-HT651T-E15H1AE TPC-651T-6E3AE, HMI Runtime 1500 tags, 32G CFast,
WES7P
ƒ
WA-HT1051W-E15H1AE TPC-1051WP-E3AE, HMI Runtime 1500 tags, 32G
CFast, WES7P
ƒ
WA-HT1251T-E15H1AE TPC-1251T-E3AE, HMI Runtime 1500 tags, 32G CFast,
WES7P
ƒ
WA-HT1551T-E15H1AE TPC-1551T-E3AE, HMI Runtime 1500 tags, 32G CFast,
WES7P
ƒ
WA-HT1751T-E15H1AE TPC-1751T-E3AE, HMI Runtime 1500 tags, 32G CFast,
WES7P
ƒ
WA-HT2140W-G15H1AE TPC-2140WP-T3AE, HMI Runtime 1500 tags, 32G
CFast, WES7P
Series
Touch Panel HMI - Lite series
Touch Panel HMI - Standard series
Ordering P/N
WA-HT3070T-
R15H0AE
WA-HT3100T-
R15H0AE
WA-HT651T-
E15H1AE
WA-HT1051W-
E15H1AE
WA-HT1251T-
E15H1AE
WA-HT1551T-
E15H1AE
WA-HT1751T-
E15H1AE
WA-HT2140W-
G15H1AE
Thin Client
Terminal
WOP-3070T-C4AE
WOP-3100T-C4AE
TPC-651T-6E3AE
TPC-1051WP-E3AE
TPC-1251T-E3AE
TPC-1551T-E3AE
TPC-1751T-E3AE
TPC-2140WP-T3AE
Operating System
Microsoft WinCE 6.0
Microsoft Windows Embedded 7 Pro (64bit)
HMI Software
WebAccess/HMI Runtime 1500 tags
WebAccess/HMI Runtime 1500 tags
CPU
ARM® Cortex™-A8 600 MHz
Intel Atom E3827 1.75GHz
AMD G-series T56E
1.65GH
Memory
256MB DDR2
4GB DDR3L
Aspect ratio
16 : 9
4 : 3
16 : 9
4 : 3
4 : 3
4 : 3
16 : 9
Display (Size,
Type)
7" WVGA TFT LCD
10.1" WVGA TFT
LCD
6.5" VGA TFT LED
LCD
10.1" WXGA TFT
LED LCD
12.1" XGA TFT LED
LCD
15" XGA TFT LED
LCD
17" SXGA TFT LED
LCD
21.5" Full HD TFT
LED LCD
Max. Resolution /
Colors
800 x 480 / 64k
1024 x 600 / 64k
640 x 480 / 262k
1280 x 800 / 262k 1024 x 768 / 16.2 M 1024 x 768 / 16.7M 1280 x 1024 / 16.7M 1920 x 1080 / 16.7M
Backlight
MTBF(hrs)
50,000 hrs
50,000 hrs
25,000 hrs
50,000 hrs
50,000 hrs
50,000 hrs
50,000 hrs
Touchscreen
5-wire Resistive
5-wire Resistive
Projected capacitive
5-wire Resistive
5-wire Resistive
5-wire Resistive
Projected capacitive
Storage
512M micro SD on board SLC type
32G CFast card x1
Expansion Slots
micro SD x1
Full-size Mini PCIe x1
Mounting
Panel
Desktop, Wall or Panel
Network(LAN)
10/100 Base-T x 1
10/100/1000 Base-T x 2
I/O
RS-232/422/485 x 1 (DB9)
RS-422/485 x 1 (4 pin)
RS-485 x 1 (2 pin)
USB 2.0 x 1(Client X1, Host x 1)
Lin out x 1, Mic in x 1
RS-232 x 1
RS-232/422/485 x1
USB 3.0 x 1
USB 2.0 x 1
RS-232 x 1
RS-232/422/485 x1
USB 3.0 x 1
USB 2.0 x 1
RS-232 x 1
RS-232/422/485 x1
USB 3.0 x 1
USB 2.0 x 1
RS-232 x 1
RS-232/422/485 x1
USB 3.0 x 1
USB 2.0 x 1
RS-232 x 1
RS-232/422/485 x1
USB 3.0 x 1
USB 2.0 x 1
RS-232 x 3
RS-422/485 x1
USB 2.0 x 2
HDMI x 1
Mic in x 1,
Line out x1
iDoor Expansion
(TPC-1251T-EHKE
is required)*
N/A
iDoor x1 *
N/A
DC Power Input
(Voltage)
24 VDC ± 10%
24VDC ± 20%
18 ~ 32 VDC
Power
Consumption
7 W
9 W
19.2 W
36 W
45.6W
40.8W
43.2W
35 W
Ingress Protection
Front Panel IP66
Front Panel IP66
Operating
Temperature
-20 ~ 60
°C
-20 ~ 60
°C
-20 ~ 55
°C
-20 ~ 60
°C
-20 ~ 60
°C
-20 ~ 60
°C
0 ~ 55
°C
Certification
CE, FCC, BSMI, CCC, UL
CE, FCC, BSMI, CCC, UL
Accessories
ƒ
PWR-247-CE
100-240V 60W 24V 2.5A Power Supply
ƒ
TPC-1251T-EHKE
HDD/SSD and iDoor extension kit for
WA-HT651T/1051W/1251T/1551T/1751T
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596
Power Cable China/Australia Plug 1.8 M
Selected iDoor Modules
ƒ
PCM-24D2R2-AE
OXPCIe-952 UART, Isolated RS-232, DB9 x 2
ƒ
PCM-24D2R4-AE
OXPCIe-952 UART, Isolated RS-422/485, DB9 x 2
ƒ
PCM-24D4R2-AE
OXPCIe-954 UART, Non-Isolated RS-232, DB37 x 1
ƒ
PCM-24D4R4-AE
OXPCIe-954 UART, Non-Isolated RS-422/485, DB37
x 1
ƒ
PCM-27D24DI-AE
Isolated Digital I/O, 16DI/8DO, mPCIe, DB37 x 1
ƒ
PCM-27J3AU-AE
3-Port Audio Stereo, mPCIe, 3.5 mm Jack
ƒ
PCM-24S2WF-AE
802.11 a/b/g/n 2T2R w/ Bluetooth4.0, Half-size mPCIe
ƒ
PCM-24R1TP-AE
Intel® 82574L, GbE, RJ45 x 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com