Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-HT3100T-R15H0AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # WA-HT3100T-R15H0AE
Description  6.5"~21.5" TFT LCD Windows-based Thin Client Terminal with WebAccess/HMI Runtime
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WA-HT3100T-R15H0AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  WA-HT3100T-R15H0AE Datasheet HTML 1Page - Advantech Co., Ltd. WA-HT3100T-R15H0AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Open HMI & Control Solutions
WA-HT HMI Series
Open HMI Solutions Specifications
HMI Visualization for Process Information
ƒ Wide panel size selection from 6.5” to 21.5”
ƒ Multi-languages for HMI (up to 10 languages)
ƒ Object library: includes default/common objects, objects groups and global objects
ƒ HMI Designer: a powerful develop tool supports online/offline design simulation
ƒ User-customized picture/sounds database
Application-oriented HMI Design Function
ƒ Data log: up to 16 datalog blocks (saved as csv/txt file)
ƒ Operation log: operation history for process parameter inspection (saved as csv file)
ƒ Alarm: up to 16 alarm blocks, e-mail notification (supports SSL/TSL encryption)
ƒ Recipe: up to 16 Recipe blocks
ƒ Schedule: up to 80 sets
ƒ Event: up to 36 sets
ƒ User-customized data process: Macros
ƒ Security Authority: 9 levels password
Communication with Multiple Systems
ƒ Includes rich interfaces as RS-232/422/485, USB 3.0/2.0, Ethernet, Audio I/O
ƒ Maximum Serial/Ethernet Links: 4-links (serial), 16-links (Ethernet)
ƒ Supports 450 communication protocols and drivers for industrial devices
ƒ Gateway service by Modbus for HMI devices communication
ƒ Flexible I/O expansion by iDoor technology
Reliable Design for Field side Operation
ƒ Backlight Life up to 50,000 hrs
ƒ Touch screen passed 36 million touches test at single point
ƒ True-flat touch screen designed with IP66 front protection
ƒ Easy panel mounting installation
ƒ Approved Certifications: BSMI, CCC, CE, FCC Class A,, UL
ƒ Wide operating temperature
ƒ Vibration Protection With CFast: 2 Grms (5~500 Hz)
Open HMI Solution by Application-Ready-Package includes:
Thin Client Terminal
ƒ Industrial 6.5"~21.5" TFT LCD Panel with 50K Lifetime LED backlight
ƒ Durable 5-wire resistive / capacitive touch screen
ƒ True-flat IP66 certified front panel protection
ƒ 32GB industrial CFast card installed in standard series
ƒ Microsoft Windows Embedded 7 Pro 64-bit installed in standard series
ƒ Supports iDoor technology for diverse applications (optional accessory
required)
WebAccess/HMI Runtime
ƒ Includes HMI Runtime 1500 tags
ƒ Supports 450 industrial communication protocol and drivers for PLC/devices
ƒ Rich object library for easy application design
ƒ Supports on-/off-line design simulation by the development tool
6.5"~21.5" TFT LCD Windows-based Thin
Client Terminal with WebAccess/HMI
Runtime
Introduction
The WA-HT HMI standard series is a complete application-ready-package which includes a Thin Client Terminal with panel sizes from 6.5"~21.5" TFT LCD, 32GB CFast card, Microsoft
Windows Embedded 7 Pro and WebAccess/HMI Runtime. This allows users to easily achieve efficient, integrated HMI solutions for flexible system integration in automation industries.
The Thin Client Terminal with Intel® Atom™ or relevant processor providing computing performance in a compact fanless system for any field side operation.
The built-in Open HMI Runtime features a rich object library, online/offline simulation, and over 450 industrial protocols and drivers. It is dedicated to providing a wide range of HMI
control and visualization for powerful, user-friendly and reliable solutions in most sophisticated applications.
Ready-to-go Open HMI Solution Package enabling Industry 4.0 includes:
ƒ Touch Panel Thin Client Terminal
ƒ 32GB CFast card (Standard series) / 512 MB SD card (Lite series)
ƒ Microsoft Windows embedded 7 Pro 64bit (Standard series) / WinCE 6.0 (Lite series)
ƒ WebAccess/HMI Runtime 1500 tags
NEW
For more details of successful stories with Open HMI Solution and technical support
documents, visit the Advantech website: http://select.advantech.com/open-hmi-solutions
All product specifications are subject to change without notice
Last updated : 3-Feb-2016


Similar Part No. - WA-HT3100T-R15H0AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WA-HT3100T-R15H0AE ADVANTECH-WA-HT3100T-R15H0AE Datasheet
299Kb / 2P
6.5 ~ 21.5 TFT LCD Windows-Based Touch Panel HMI with WebAccess/HMI Runtime
9-Mar-2018
WA-HT3100T-R15H0AE ADVANTECH-WA-HT3100T-R15H0AE Datasheet
298Kb / 2P
6.5" ~ 21.5" TFT LCD Windows-Based Touch Panel HMI with WebAccess/HMI Runtime
9-Mar-2018
More results

Similar Description - WA-HT3100T-R15H0AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-651T-E3AE ADVANTECH-TPC-651T-E3AE Datasheet
560Kb / 2P
5.7"/6.5" TFT LED LCD Intel짰 Atom??Thin Client Terminals
TPC-1251T-E3AE ADVANTECH-TPC-1251T-E3AE Datasheet
564Kb / 2P
12.1" TFT LED LCD Intel짰 Atom??Thin Client Terminal
WA-HTHMI ADVANTECH-WA-HTHMI Datasheet
299Kb / 2P
6.5 ~ 21.5 TFT LCD Windows-Based Touch Panel HMI with WebAccess/HMI Runtime
9-Mar-2018
WA-HUHMI ADVANTECH-WA-HUHMI Datasheet
314Kb / 2P
Visualized Box HMI & Communication Gateway with WebAccess/HMI Runtime
13-Jul-2016
WA-ST ADVANTECH-WA-ST Datasheet
299Kb / 2P
12.1~21.5 TFT LCD SCADA Panel PC with WebAccess/SCADA
2-Mar-2016
WA-STSCADA ADVANTECH-WA-STSCADA Datasheet
299Kb / 2P
12.1~21.5 TFT LCD SCADA Panel PC with WebAccess/SCADA
2-Mar-2016
TPC-651T ADVANTECH-TPC-651T Datasheet
456Kb / 2P
5.7"/6.5" VGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
5-Jan-2021
WA-HU-HMI ADVANTECH-WA-HU-HMI Datasheet
314Kb / 2P
Visualization Box HMI and Communication Gateway with WebAccess/HMI Runtime
9-Mar-2018
WA-HT-HMI ADVANTECH-WA-HT-HMI Datasheet
298Kb / 2P
6.5" ~ 21.5" TFT LCD Windows-Based Touch Panel HMI with WebAccess/HMI Runtime
9-Mar-2018
WA-HU-HMI ADVANTECH-WA-HU-HMI_V01 Datasheet
314Kb / 2P
Visualization Box HMI and Communication Gateway with WebAccess/HMI Runtime
9-Mar-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com