Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16823 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVT16823
Description  18-bit bus-interface D-type flip-flop with reset and enable 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16823 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVT16823 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16823
2.5V/3.3V 18-bit bus-interface D-type flip-flop
with reset and enable (3-State)
1998 Jun 12
8
AC SETUP REQUIREMENTS (2.5V
"0.2V RANGE)
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω, Tamb = –40°C to +85°C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = +2.5V ±0.2V
UNIT
MIN
TYP
ts(H)
ts(L)
Setup time, High or Low
nDx to nCP
3
1.0
1.8
0.5
1.3
ns
th(H)
th(L)
Hold time, High or Low
nDx to nCP
3
0.1
0.1
–1.4
–0.5
ns
tw(H)
tw(L)
nCP pulse width
High or Low
1
2.0
3.0
0.8
2.1
ns
ts(H)
ts(L)
Setup time, High or Low
nCE to nCP
3
1.0
0.5
0.2
–0.1
ns
th(H)
th(L)
Hold time, High or Low
nCE to nCP
3
1.0
1.0
0.2
–0.1
ns
tw(L)
nMR pulse width, Low
2
2.0
0.8
ns
trec
Recovery time
nMR to nCP
2
2.0
1.3
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V or VCC/2 whichever is less
The shaded areas indicate when the input is permitted to change for
predictable output performance.
VM
SH00017
nCP
nQx
VM
tw(H)
tPHL
VM
tPLH
1/fMAX
tw(L)
VM
3.0V or VCC
whichever
is less
0V
0V
VOH
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
VM
nMR
VM
nQx
tw(L)
VM
tPHL
VM
tREC
nCP
SH00018
3.0V or VCC
whichever
is less
0V
3.0V or VCC
whichever
is less
0V
0V
VOH
Waveform 2. Master Reset Pulse WIdth, Master Reset to
Output Delay and Master Reset to Clock Recovery Time
th(H)
ts(H)
nCP
VM
VM
VM
VM
VM
VM
th(L)
ts(L)
nDx,
nCE
SH00019
3.0V or VCC
whichever
is less
0V
3.0V or VCC
whichever
is less
0V
Waveform 3. Data Setup and Hold Times
VOH–0.3V
VM
VM
VM
nQx
tPZH
tPHZ
nOE
0V
VOH
SH00020
3.0V or VCC
whichever
is less
0V
Waveform 4. 3-State Output Enable Time to High Level
and Output Disable Time from High Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com