Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16823 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVT16823
Description  18-bit bus-interface D-type flip-flop with reset and enable 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16823 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVT16823 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16823
2.5V/3.3V 18-bit bus-interface D-type flip-flop
with reset and enable (3-State)
1998 Jun 12
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
1MR
1OE
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
GND
VCC
GND
1Q6
1Q7
1Q8
2Q0
2Q1
2Q2
GND
2Q3
2Q4
2Q5
VCC
2Q6
2Q7
GND
2Q8
2OE
2MR
1CP
1CE
1D0
GND
1D1
1D2
VCC
1D3
1D4
1D5
GND
1D6
1D7
1D8
2D0
2D1
2D2
GND
2D3
2D4
2D5
VCC
2D6
2D7
GND
2D8
2CE
2CP
SH00014
LOGIC SYMBOL (IEEE/IEC)
EN1
1, 2
∇
5, 6
∇
SH00015
1
28
30
29
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
31
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
25
4D
8D
2
56
55
27
R2
G3
3C4
EN5
R6
G7
7C8
1MR
1OE
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1Q8
2Q0
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
2Q8
2OE
2MR
1CP
1CE
1D0
1D1
1D2
1D3
1D4
1D5
1D6
1D7
1D8
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
2D8
2CE
2CP
LOGIC DIAGRAM
R
nD
nD0
nQ0
nMR
nOE
R
nD
nD1
nQ1
R
nD
nD2
nQ2
R
nD
nD3
nQ3
R
nD
nD4
nQ4
R
nD
nD5
nQ5
R
nD
nD6
nQ6
R
nD
nD7
nQ7
R
nD
nD8
nQ8
nCP
nCE
SH00016
CP
CP
CP
CP
CP
CP
CP
CP
CP
Q
Q
Q
Q
Q
Q
Q
Q
Q
n = 1 or 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com