Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6284G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6284G
Description  H-Bridge Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6284G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6284G Datasheet HTML 3Page - Infineon Technologies AG TLE6284G Datasheet HTML 4Page - Infineon Technologies AG TLE6284G Datasheet HTML 5Page - Infineon Technologies AG TLE6284G Datasheet HTML 6Page - Infineon Technologies AG TLE6284G Datasheet HTML 7Page - Infineon Technologies AG TLE6284G Datasheet HTML 8Page - Infineon Technologies AG TLE6284G Datasheet HTML 9Page - Infineon Technologies AG TLE6284G Datasheet HTML 10Page - Infineon Technologies AG TLE6284G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet TLE6284G
7
2006-01-30
Test Circuit and Timing Diagram
Diagnosis and Protection Functions
Overtemperature warning
TJ(OV)
150
170
190
°C
Hysteresis for overtemperature warning
∆TJ(OV)
20
°C
Short circuit protection filter time
tSCP(off)
6
9
12
µs
Short circuit criteria (VDS of Mosfets)
For Low sides
For High sides
VDS(SCP)
0.5
0.45
0.75
0.75
1.0
1.05
V
Disable input level
VDIS
3.3
3.7
4.0
V
Disable input hysteresis
∆VDIS
180
mV
Error level @ 1.6mA IERx
VERx
--
--
1.0
V
Under voltage lock out for highside output – boot-
strap voltage
VBHx(uvlo)
3.7
4.6
V
Under voltage lock out for lowside output –
supply voltage
VVs(uvlo)
4.8
5.9
V
GHx
SLx
GLx
SHx
x2
V
GHX_C
R
load = 1 Ohm
C
load = 10 nF
PWM
R
load = 1 Ohm
C
load = 10 nF
V
GLX_C
Test Conditions :
Junction temperature Tj = -40 … 150
oC
Supply voltage range Vs = 7.5 … 60V
PWM frequency fPWM = 20 kHz
t
t
t
PWM
50%
20%
80%
20%
80%
t
P(IHN)
t
P(ILN)
t
P(ILF)
t
P(IHF)
t
rise
t
rise
t
fall
t
fall
10%
90%
90%
10%
V
GHX_C
V
GLX_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com