Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6284G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6284G
Description  H-Bridge Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6284G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6284G Datasheet HTML 4Page - Infineon Technologies AG TLE6284G Datasheet HTML 5Page - Infineon Technologies AG TLE6284G Datasheet HTML 6Page - Infineon Technologies AG TLE6284G Datasheet HTML 7Page - Infineon Technologies AG TLE6284G Datasheet HTML 8Page - Infineon Technologies AG TLE6284G Datasheet HTML 9Page - Infineon Technologies AG TLE6284G Datasheet HTML 10Page - Infineon Technologies AG TLE6284G Datasheet HTML 11Page - Infineon Technologies AG TLE6284G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet TLE6284G
8
2006-01-30
Remarks:
Default status of input pins:
To assure a defined status of the logic input pins in case of disconnection, these pins are
internally secured by pull up / pull down current sources with approx. 20µA. The high voltage
proof input INH should be secured by an external pull down resistor close to the device. The
following table shows the default status of the logic input pins.
Input pin
Default status
PWM and DIR
Low (= break in high side)
DT/DIS (active high)
High
Definition:
In this datasheet a duty cycle of 98% means that the GLx pin is 2% of the PWM period in
high condition.
Remark: Please consider the influence of the dead time and the propagation time differ-
ences for the input duty cycle
Functional description
Description of Dead Time Pin / Disable Pin / Reset
This pin allows to adjust the internal generated dead time. The dead time protects the exter-
nal highside and lowside Mosfets in the same halfbridge against a lowohmic connection be-
tween battery and GND and the resulting cross current through these Mosfets. The adjust-
able dead time allows to minimize the power dissipation caused by the current flowing
through the body diode during switching the halfbridge.
In addition this pin allows to reset the diagnosis registers without shut down of any output
stage as well as the possibility to shut down all outputs simultaneously.
Condition of DT/DIS pin
Function
0 - 3.5V
Adjust dead time between 10ns and 3.1µs
a) Reset of diagnosis register if DT/DIS voltage is higher than
4V for a time between 3.1µs and 3.6µs
> 4V
b) Shut down of output stages if DT/DIS voltage is higher
than 4V for a time above 7µs (Active pull down of gate volt-
age)
Description of Inhibit functionality
In automotive applications which are permanently connected to the battery line, it is very im-
portant to reduce the current consumption of the single devices. Therefore the TLE6284G
offers a inhibit mode to put the device to sleep and asure very low quiescent currents. To
deactivate the inhibit mode the INH pin has to be set to high. This can be done by connect-
ing this pin to voltages between 3.3 and 60V without external protection. An inhibit mode
means a complete reinitialisation of the device.
Description of Diagnosis
The two ERx pins are open collector outputs and have to be pulled up with external pull up
resitors to 5V. In normal conditions both ERx signals are high. In case of shutdown of any
output stage the ER1 is pulled down. This shut down can be caused by undervoltage or
short circuit. In this condition ER2 indicates the reason for the shut down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com