Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16823DL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ALVT16823DL
Description  18-bit bus-interface D-type flip-flop with reset and enable 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16823DL Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVT16823DL Datasheet HTML 1Page - NXP Semiconductors 74ALVT16823DL Datasheet HTML 2Page - NXP Semiconductors 74ALVT16823DL Datasheet HTML 3Page - NXP Semiconductors 74ALVT16823DL Datasheet HTML 4Page - NXP Semiconductors 74ALVT16823DL Datasheet HTML 5Page - NXP Semiconductors 74ALVT16823DL Datasheet HTML 6Page - NXP Semiconductors 74ALVT16823DL Datasheet HTML 7Page - NXP Semiconductors 74ALVT16823DL Datasheet HTML 8Page - NXP Semiconductors 74ALVT16823DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Philips
Semiconductors
74ALVT16823
18-bit bus-interface D-type flip-flop
with reset and enable (3-State)
Product specification
Supersedes data of 1998 Mar 03
IC23 Data Handbook
1998 Jun 12
INTEGRATED CIRCUITS


Similar Part No. - 74ALVT16823DL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVT16823DGG NEXPERIA-74ALVT16823DGG Datasheet
263Kb / 16P
18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
More results

Similar Description - 74ALVT16823DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16823A PHILIPS-74ABT16823A Datasheet
86Kb / 12P
18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
18-Bit Bus-Interface Flip-Flop with 3-State Outputs
logo
NXP Semiconductors
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com