Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7270 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7270
Description  5-V Low Drop Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7270 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7270 Datasheet HTML 1Page - Infineon Technologies AG TLE7270 Datasheet HTML 2Page - Infineon Technologies AG TLE7270 Datasheet HTML 3Page - Infineon Technologies AG TLE7270 Datasheet HTML 4Page - Infineon Technologies AG TLE7270 Datasheet HTML 5Page - Infineon Technologies AG TLE7270 Datasheet HTML 6Page - Infineon Technologies AG TLE7270 Datasheet HTML 7Page - Infineon Technologies AG TLE7270 Datasheet HTML 8Page - Infineon Technologies AG TLE7270 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TLE 7270
Data Sheet
5
Rev. 1.03, 2004-10-14
Table 4
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Max.
Junction case
R
thj-c
–
1) Target values need to be verified
10
1)
K/W –
Junction ambient
R
thj-a
–
80
1)
K/W TO252
2) Worst case, regarding peak temperature; zero airflow; mounted on a PCB FR4, 80
× 80 × 1.5 mm3, heat sink
area 300 mm2
2)
Junction ambient
R
thj-a
–
55
1)
K/W TO263
3) Worst case, regarding peak temperature; zero airflow; mounted on a PCB FR4, 80
× 80 × 1.5 mm3, heat sink
area 300 mm2
3)
Thermal Resistance
Table 5
Electrical Characteristics
V
I = 13.5 V; – 40 °C < Tj < 150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Measuring Condition
Min.
Typ.
Max.
Output Q
Output voltage
V
Q
4.9
5.0
5.1
V
0.1 mA<
I
Q<300 mA;
6 V <
V
I < 16 V
Output voltage
V
Q
4.9
5.0
5.1
V
0.1 mA<
I
Q<100 mA;
6 V <
V
I < 40 V
Output current limitation
I
Q
320
–
–
mA
1)
Output current limitation
I
Q
800
mA
V
Q =0V
Current consumption;
I
q = II – IQ
I
q
–
20
30
µA
I
Q = 0.1 mA;
T
j = 25 °C
Current consumption;
I
q = II – IQ
I
q
–
–
40
µA
I
Q = 0.1 mA;
T
j ≤ 80 °C
Drop voltage
V
dr
–
200
500
mV
I
Q = 200 mA
V
dr = VI – VQ
1)
Load regulation
∆V
Q, lo
– 40
15
40
mV
I
Q = 5 mA to 250 mA
Line regulation
∆V
Q, li
– 20
5
20
mV
V
l = 10 V to 32 V;
I
Q = 5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com