Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7270 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7270
Description  5-V Low Drop Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7270 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7270 Datasheet HTML 2Page - Infineon Technologies AG TLE7270 Datasheet HTML 3Page - Infineon Technologies AG TLE7270 Datasheet HTML 4Page - Infineon Technologies AG TLE7270 Datasheet HTML 5Page - Infineon Technologies AG TLE7270 Datasheet HTML 6Page - Infineon Technologies AG TLE7270 Datasheet HTML 7Page - Infineon Technologies AG TLE7270 Datasheet HTML 8Page - Infineon Technologies AG TLE7270 Datasheet HTML 9Page - Infineon Technologies AG TLE7270 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
6
Rev. 1.03, 2004-10-14
TLE 7270
Power supply ripple
rejection
PSRR
–
60
–
dB
f
r = 100 Hz;
V
r = 0.5 Vpp
Temperature output
voltage drift
dVQ
dT
-----------
–
0.5
–
mV/K –
Output Capacitor
C
Q
470
–
–
nF
ESR < 3
Ω
Reset Output RO
Reset switching
threshold
V
RT
4.50
4.65
4.80
V
V
Q decreasing
V
i = 6V
Reset output low voltage
V
ROL
–
0.2
0.4
V
R
RO = 10 kΩ;
V
Q > 1 V
Internal reset pull up
resistor
R
R,int
15
30
45
k
Ω
External reset pull up
resistor
R
R,ext
10
∞2) kΩ
see Fig. 3
Reset delay time
t
rd
10
16
22
ms
DT connected to GND
Reset delay time
t
rd
80
128
176
ms
DT connected to Q
Reset reaction time
t
rr
–
–
12
µs
–
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value obtained at VI = 13.5 V.
2) An external reset pull up resistor is not required.
Parameter
Symbol
Limit Values
Unit
Measuring Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com