Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7272 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7272
Description  5-V Low Drop Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7272 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7272 Datasheet HTML 9Page - Infineon Technologies AG TLE7272 Datasheet HTML 10Page - Infineon Technologies AG TLE7272 Datasheet HTML 11Page - Infineon Technologies AG TLE7272 Datasheet HTML 12Page - Infineon Technologies AG TLE7272 Datasheet HTML 13Page - Infineon Technologies AG TLE7272 Datasheet HTML 14Page - Infineon Technologies AG TLE7272 Datasheet HTML 15Page - Infineon Technologies AG TLE7272 Datasheet HTML 16Page - Infineon Technologies AG TLE7272 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
13
Rev. 1.0a, 2005-02-08
TLE 7272
Line Regulation dV
Q versus Input
Voltage ChangedV
I
0
V
I [V ]
5
1 52 0
3 03 5
∆ V
Q
[m V ]
19_ dV Q - dV I _- 40C . v s d
-3
-4
-5
-2
10
25
4 5
40
0
T
j = 40 ° C
-6
IQ = 10m A
IQ = 2 00m A
IQ = 10 0m A
IQ = 1 m A
Load Transient Response Peak Voltage
dV
Q
2 0_L oad T r anc ient v s tim e 2 5.v s d
I Q 1: 1 00m A
T= 4 0 µs /D I V
VQ = 1 0 0 m V/D I V
VQ
Tj= 2 5 ° C
V i= 13.5 V
Load Transient Response Peak Voltage
dV
Q
20 _Lo ad T r anc ient v s tim e 12 5.v s d
I Q 1: 1 00m A
T= 4 0 µs /D I V
VQ = 1 0 0 m V/D I V
VQ
T j= 1 25° C
V i= 13.5 V
Line Transient Response Peak Voltage
dV
Q
2 1_L ine T r an c ien t v s tim e 25.v s d
dV
I 2V
T = 4 00µ s /D I V
VQ = 5 0 m V /D I V
VQ
Tj= 2 5 ° C
V i= 13.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com