Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7272 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE7272
Description  5-V Low Drop Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7272 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE7272 Datasheet HTML 1Page - Infineon Technologies AG TLE7272 Datasheet HTML 2Page - Infineon Technologies AG TLE7272 Datasheet HTML 3Page - Infineon Technologies AG TLE7272 Datasheet HTML 4Page - Infineon Technologies AG TLE7272 Datasheet HTML 5Page - Infineon Technologies AG TLE7272 Datasheet HTML 6Page - Infineon Technologies AG TLE7272 Datasheet HTML 7Page - Infineon Technologies AG TLE7272 Datasheet HTML 8Page - Infineon Technologies AG TLE7272 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Data Sheet
2
Rev. 1.0a, 2005-02-08
TLE 7272
Reset
The Reset pin informs e.g. the microcontroller in case the output voltage has fallen below
the lower threshold
V
RT of typ. 4.65 V. The hysteresis is typically 100mV. Connecting the
regulator to a battery voltage at first the reset signal remains LOW. When the output
voltage has reached the reset threshold
V
RT the reset output RO remains still LOW for
the reset delay time
t
rd (typ. 16 ms). Afterwards the reset output turns HIGH.
TLE 7272
Overtemperature
Shutdown
1
Bandgap
Reference
Charge
Pump
Inhibit
Reset
Generator
Q
RO
5
2
GND
3
AEB03523.VSD
4
1
Figure 1
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com