Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7272D Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7272D
Description  5-V Low Drop Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7272D Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7272D Datasheet HTML 1Page - Infineon Technologies AG TLE7272D Datasheet HTML 2Page - Infineon Technologies AG TLE7272D Datasheet HTML 3Page - Infineon Technologies AG TLE7272D Datasheet HTML 4Page - Infineon Technologies AG TLE7272D Datasheet HTML 5Page - Infineon Technologies AG TLE7272D Datasheet HTML 6Page - Infineon Technologies AG TLE7272D Datasheet HTML 7Page - Infineon Technologies AG TLE7272D Datasheet HTML 8Page - Infineon Technologies AG TLE7272D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Max.
Input voltage
V
I
5.5
42
V
–
Junction temperature
T
j
-40
150
°C
–
TLE 7272
Data Sheet
5
Rev. 1.0a, 2005-02-08
Note: In the operating range, the functions given in the circuit description are fulfilled.
Table 4
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Max.
Junction case
R
thj-c
–
8
K/W –
Junction ambient
R
thj-a
–
80
K/W TO252
1) Worst case, regarding peak temperature; zero airflow; mounted on a PCB FR4, 80
× 80 × 1.5 mm3, heat sink
area 300 mm2
1)
Junction ambient
R
thj-a
–
55
K/W TO263
2) Worst case, regarding peak temperature; zero airflow; mounted on a PCB FR4, 80
× 80 × 1.5 mm3, heat sink
area 300 mm2
2)
Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com