Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7272D Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE7272D
Description  5-V Low Drop Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7272D Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE7272D Datasheet HTML 1Page - Infineon Technologies AG TLE7272D Datasheet HTML 2Page - Infineon Technologies AG TLE7272D Datasheet HTML 3Page - Infineon Technologies AG TLE7272D Datasheet HTML 4Page - Infineon Technologies AG TLE7272D Datasheet HTML 5Page - Infineon Technologies AG TLE7272D Datasheet HTML 6Page - Infineon Technologies AG TLE7272D Datasheet HTML 7Page - Infineon Technologies AG TLE7272D Datasheet HTML 8Page - Infineon Technologies AG TLE7272D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Type
Ordering Code
Package
TLE 7272 D
Q67006-
A9734
P-TO252-5
TLE 7272 G
Q67006-
A9735
P-TO263-5
5-V Low Drop Voltage Regulator
TLE 7272
P-TO252-5-1
P-TO263-5-1
Data Sheet
1
Rev. 1.0a, 2005-02-08
Features
•
Output voltage 5 V
±2%
•
Ultra low current consumption: typ. 25
µA
•
300 mA current capability
•
Inhibit input
•
Reset
•
Very low-drop voltage
•
Short-circuit-proof
•
Suitable for use in automotive electronics
Functional Description
The TLE 7272 is a monolithic integrated low-drop
voltage regulator for load currents up to 300 mA. An input
voltage up to 42 V is regulated to
V
Q,nom = 5.0 V with a
precision of
±2%. Due to its integrated reset circuitry
featuring power on timing and output voltage monitoring
the IC is well suited as
µ-controller supply. The
sophisticated design allows to achieve stable operation
even with ceramic output capacitors down to 470 nF. The
device is designed for the harsh environment of automotive applications. Therefore it is
protected against overload, short circuit and overtemperature conditions. Of course the
TLE 7272 can be used also in all other applications, where a stabilized 5 V voltage is
required. Due to its ultra low stand-by current consumption of typ. 20
µA the TLE 7272
is dedicated for use in applications permanently connected to
V
BAT. In addition the IC can
be switched off via the Inhibit input reducing the current consumption to typ. 5
µA. An
integrated output sink current circuitry keeps the voltage at the Output pin Q below 5.5
V even when reverse currents are applied. Thus connected devices are protected from
overvoltage damage. For applications requiring extremely low noise levels the Infineon
voltage regulator family TLE 42XY and TLE 44XY is more suited than the TLE 7272. A
mV-range output noise on the TLE 7272 caused by the charge pump operation is
unavoidable due to the ultra low quiescent current concept.


Similar Part No. - TLE7272D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7272-2 INFINEON-TLE7272-2 Datasheet
450Kb / 21P
5-V Low Dropout Voltage Regulator
Rev. 1.0, June 2009
TLE7272-2D INFINEON-TLE7272-2D Datasheet
450Kb / 21P
5-V Low Dropout Voltage Regulator
Rev. 1.0, June 2009
TLE7272-2E INFINEON-TLE7272-2E Datasheet
450Kb / 21P
5-V Low Dropout Voltage Regulator
Rev. 1.0, June 2009
More results

Similar Description - TLE7272D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com