Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263-2GS Datasheet (PDF) - Infineon Technologies AG

TLE4263-2GS Datasheet PDF - Infineon Technologies AG
Part # TLE4263-2GS
Download  TLE4263-2GS Download
File Size   711.21 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 5 V low drop voltage regulator

TLE4263-2GS Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4263-2GS Datasheet PDF - Infineon Technologies AG

Part # TLE4263-2GS
Download  TLE4263-2GS Click to download

File Size   711.21 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 5 V low drop voltage regulator

TLE4263-2GS Datasheet (HTML) - Infineon Technologies AG


TLE4263-2GS Product details

Features
• Output voltage tolerance ≤ ±2%
• 180 mA output current capability
• Low-drop voltage
• Very low standby current consumption
• Overtemperature protection
• Reverse polarity protection
• Short-circuit proof
• Adjustable reset threshold
• Watchdog for monitoring microprocessor
• Power-on and undervoltage reset with programmable delay time
• Reset low down to VQ = 1V
• Wide temperature range
• Suitable for use in automotive electronics
• Green Product (RoHS compliant)

Description
The OPTIREG™ linear TLE4263-2GS is a monolithic integrated very low dropout voltage regulator in a SMD
package PG-DSO-8, especially designed for automotive applications. An input voltage up to 45 V is regulated
to an output voltage of 5.0 V. The component is able to drive loads up to 180 mA. The IC is short-circuit proof
by the implemented current limitation and has an integrated overtemperature shutdown.
It additionally provides features like power-on and undervoltage reset with adjustable reset threshold, a
watchdog circuit for monitoring a connected microcontroller and an inhibit input for enabling or disabling the
component.
The reset output RO is set to “low” in case the output voltage falls below the reset switching threshold VQ,rt.
This threshold can be decreased down to 3.5 V by an external resistor divider. The power-on reset delay time
can be programmed by the external delay capacitor CD.

Potential applications
General automotive applications.




Similar Part No. - TLE4263-2GS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4263-2GM INFINEON-TLE4263-2GM Datasheet
788Kb / 20P
OPTIREG™ linear TLE4263-2GM 5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results


Similar Description - TLE4263-2GS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4260 SIEMENS-TLE4260 Datasheet
139Kb / 14P
5-V Low-Drop Voltage Regulator
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com