Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263-2GS Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4263-2GS
Description  5 V low drop voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2GS Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4263-2GS Datasheet HTML 1Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 2Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 3Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 4Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 5Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 6Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 7Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 8Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Datasheet
2
Rev. 1.0
2023-07-11
OPTIREG™ linear TLE4263-2GS
5 V low drop voltage regulator
The watchdog circuit provides a monitoring function for microcontrollers: At missing pulses on the
watchdog’s input W the reset output RO is set to “low”. The trigger time for the watchdog pulses can be set by
the external capacitor CD.
The IC can be switched off by the inhibit input, reducing the current consumption to typically 0 mA.
Type
Package
Marking
TLE4263-2GS
PG-DSO-8
4263-2GS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com