Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263-2GS Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4263-2GS
Description  5 V low drop voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2GS Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4263-2GS Datasheet HTML 9Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 10Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 11Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 12Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 13Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 14Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 15Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 16Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Datasheet
13
Rev. 1.0
2023-07-11
OPTIREG™ linear TLE4263-2GS
5 V low drop voltage regulator
Functional description
Undervoltage reset adjust threshold VRADJ versus
output voltage VQ
Pulse time TWI,tr versus
junction temperature TJ
Power supply ripple rejection PSRR versus
ripple frequency fr
Output capacitor series resistor ESR CQ versus
output current IQ
10
f [Hz]
10k
PSRR
[dB]
1_PSRR_F.SVG
60
50
100
1k
100k
80
30
40
Vripple = 1 V
VI = 13.5 V
CQ = 22 μF tantalum
Tj = 25 °C
IQ = 1 mA
IQ = 10 mA
IQ = 100 mA
2_ESR-IQ.VSD
1
0.1
0.01
ESR
CQ
[
Ω]
0
I
Q [mA]
100
100
10
Stable
Region
50
150
C
Q = 22 µF
T
j = -40...150 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com