Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263-2GS Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4263-2GS
Description  5 V low drop voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2GS Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4263-2GS Datasheet HTML 12Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 13Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 14Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 15Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 16Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 17Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 18Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 19Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Datasheet
17
Rev. 1.0
2023-07-11
OPTIREG™ linear TLE4263-2GS
5 V low drop voltage regulator
Application information
Watchdog timing
The period of the watchdog pulses has to be smaller than the minimum watchdog trigger time which is set by
the external reset delay capacitor CD. Use the following formula for dimensioning CD:
(5.3)
with
• CD: capacitance of the delay capacitor to be chosen
•TWI,tr,new: desired watchdog trigger time
•TWI,tr: watchdog trigger time specified in this data sheet
CD
TWI,tr,new
TWI,tr
------------------------ 100 nF
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com