Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263-2GS Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4263-2GS
Description  5 V low drop voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2GS Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4263-2GS Datasheet HTML 12Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 13Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 14Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 15Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 16Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 17Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 18Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 19Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Datasheet
16
Rev. 1.0
2023-07-11
OPTIREG™ linear TLE4263-2GS
5 V low drop voltage regulator
Application information
5.3
Reset adjust function
The undervoltage reset switching threshold can be adjusted according to the application’s needs by
connecting an external voltage divider (RADJ1, RADJ2) at pin RADJ. For selecting the default threshold connect
pin RADJ to GND.
When dimensioning the voltage divider, take into consideration that there will be an additional current
constantly flowing through the resistors.
With a voltage divider connected, the reset switching threshold VRT,new is calculated as follows:
(5.2)
with
• VRT,new: the desired new reset switching threshold
• RADJ1, RADJ2: resistors of the external voltage divider
• VRADJ,th: reset adjust switching threshold given in “Reset Generator” on Page 9
5.4
Watchdog
Figure 5
Timing of the watchdog function reset
VRT new
,
RADJ 1
,
R
+
ADJ 2
,
RADJ 2
,
------------------------------------------ V
RADJ th
,
×
=
V
W
t
V
RO
TimingDiagram_Watchdog.vsd
t
V
RO,l
T
WD,L
T
WI,tr
V
DWL
V
DU
t
V
D
T
WD,L
T
WI,p
No positive
V
W edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com