Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263-2GS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4263-2GS
Description  5 V low drop voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2GS Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4263-2GS Datasheet HTML 1Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 2Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 3Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 4Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 5Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 6Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 7Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 8Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Datasheet
1
Rev. 1.0
www.infineon.com/OPTIREG-Linear
2023-07-11
OPTIREG™ linear TLE4263-2GS
5 V low drop voltage regulator
Features
• Output voltage tolerance ≤ ±2%
• 180 mA output current capability
• Low-drop voltage
• Very low standby current consumption
• Overtemperature protection
• Reverse polarity protection
• Short-circuit proof
• Adjustable reset threshold
• Watchdog for monitoring microprocessor
• Power-on and undervoltage reset with programmable delay time
• Reset low down to VQ = 1V
• Wide temperature range
•Suitable for use in automotive electronics
• Green Product (RoHS compliant)
Potential applications
General automotive applications.
Product validation
Qualified for automotive applications. Product validation according to AEC-Q100/101.
Description
The OPTIREG™ linear TLE4263-2GS is a monolithic integrated very low dropout voltage regulator in a SMD
package PG-DSO-8, especially designed for automotive applications. An input voltage up to 45 V is regulated
to an output voltage of 5.0 V. The component is able to drive loads up to 180 mA. The IC is short-circuit proof
by the implemented current limitation and has an integrated overtemperature shutdown.
It additionally provides features like power-on and undervoltage reset with adjustable reset threshold, a
watchdog circuit for monitoring a connected microcontroller and an inhibit input for enabling or disabling the
component.
The reset output RO is set to “low” in case the output voltage falls below the reset switching threshold VQ,rt.
This threshold can be decreased down to 3.5 V by an external resistor divider. The power-on reset delay time
can be programmed by the external delay capacitor CD.


Similar Part No. - TLE4263-2GS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4263-2GM INFINEON-TLE4263-2GM Datasheet
788Kb / 20P
OPTIREG™ linear TLE4263-2GM 5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results

Similar Description - TLE4263-2GS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4260 SIEMENS-TLE4260 Datasheet
139Kb / 14P
5-V Low-Drop Voltage Regulator
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com