Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263-2GM Datasheet (PDF) - Infineon Technologies AG

TLE4263-2GM Datasheet PDF - Infineon Technologies AG
Part # TLE4263-2GM
Download  TLE4263-2GM Download
File Size   788.69 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OPTIREG™ linear TLE4263-2GM 5 V low drop voltage regulator

TLE4263-2GM Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4263-2GM Datasheet PDF - Infineon Technologies AG

Part # TLE4263-2GM
Download  TLE4263-2GM Click to download

File Size   788.69 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OPTIREG™ linear TLE4263-2GM 5 V low drop voltage regulator

TLE4263-2GM Datasheet (HTML) - Infineon Technologies AG


TLE4263-2GM Product details

Features
• Output voltage tolerance ≤ ±2%
• 180 mA output current capability
• Low-drop voltage
• Very low standby current consumption
• Overtemperature protection
• Reverse polarity protection
• Short-circuit proof
• Adjustable reset threshold
• Watchdog for monitoring microprocessor
• Power-on and undervoltage reset with programmable delay time
• Reset low down to VQ = 1V
• Wide temperature range
• Suitable for use in automotive electronics
• Green Product (RoHS compliant)




Similar Part No. - TLE4263-2GM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results


Similar Description - TLE4263-2GM

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLS830A4EPV50 INFINEON-TLS830A4EPV50 Datasheet
1Mb / 21P
OPTIREG™ linear voltage regulator TLS830A4EPV50 Ultra low quiescent current linear voltage regulator
Rev. 1.0 2023-07-17
TLS850A4TEV50 INFINEON-TLS850A4TEV50 Datasheet
1Mb / 21P
OPTIREG™ linear voltage regulator TLS850A4TEV50 Ultra low quiescent current linear voltage regulator
Rev. 1.0 2023-05-25
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com