Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263-2GS Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4263-2GS
Description  5 V low drop voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2GS Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4263-2GS Datasheet HTML 6Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 7Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 8Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 9Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 10Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 11Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 12Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 13Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Datasheet
10
Rev. 1.0
2023-07-11
OPTIREG™ linear TLE4263-2GS
5 V low drop voltage regulator
Functional description
4.3
Typical performance characteristics
Drop voltage VDR versus
output current IQ
Current consumption Iq versus
output current IQ
Current consumption Iq versus
input voltage VI
Output voltage VQ versus
input voltage VI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com