Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263-2GS Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4263-2GS
Description  5 V low drop voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2GS Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4263-2GS Datasheet HTML 4Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 5Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 6Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 7Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 8Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 9Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 10Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 11Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Datasheet
8
Rev. 1.0
2023-07-11
OPTIREG™ linear TLE4263-2GS
5 V low drop voltage regulator
Functional description
4
Functional description
The control amplifier compares a reference voltage to a voltage that is proportional to the output voltage and
drives the base of the series transistor via a buffer. Saturation control as a function of the load current prevents
any oversaturation of the power element. The component also has a number of internal circuits for protection
against:
•Overload
• Overtemperature
• Reverse polarity
In case the externally scaled down output voltage at the reset adjust input falls below 1.35 V, the external reset
delay capacitor CD is discharged by the reset generator. When the voltage of the capacitor reaches the lower
threshold VDRL, a reset signal occurs at the reset output and is held until the upper threshold VDU is exceeded.
If the reset threshold input is connected to GND, reset is triggered at an output voltage of typically 4.65 V.
4.1
Choosing external components
The input capacitor CI is necessary for compensation of line influences. Using a resistor of approx. 1 Ω in series
with CI, the oscillating circuit consisting of input inductivity and input capacitance can be damped. The output
capacitor is necessary for the stability of the regulating circuit. Stability is ensured at values CQ ≥ 22 µF and an
ESR of ≤ 3 Ω within the operating temperature range. For small tolerances of the reset delay the spread of the
capacitance of the delay capacitor and its temperature coefficient should be noted.
4.2
Electrical characteristics
Table 5
Electrical characteristics
VI = 13.5 V; VINH > 3.6 V Tj = -40°C to +150°C ; (unless specified otherwise)
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min.
Typ.
Max.
Normal Operation
Output voltage
VQ
4.90
5.00
5.10
V
5 mA ≤ IQ ≤ 150 mA;
6 V ≤ VI ≤ 28 V
P_4.2.1
Output voltage
VQ
4.90
5.00
5.10
V
6 V ≤ VI ≤ 32 V;
IQ = 100 mA;
Tj = 100°C
P_4.2.2
Output current limitation IQ,max
180
250
400
mA
VQ = 4.8V
P_4.2.3
Current consumption;
Iq = II - IQ
Iq
–0
10
µA
VINH = 0 V; TJ ≤ 115°C
P_4.2.4
Current consumption;
Iq = II - IQ
Iq
–0.90
1.30
mA
IQ = 0 mA
P_4.2.5
Current consumption;
Iq = II - IQ
Iq
–10
18
mA
IQ = 150 mA
P_4.2.6
Current consumption;
Iq = II - IQ
Iq
–15
24
mA
IQ = 150 mA; VI = 4.5 V
P_4.2.7
Dropout voltage
Vdr
–0.35
0.50
V
IQ = 150 mA 1)
P_4.2.8
Load regulation
∆VQ,lo
––
25
mV
IQ = 5 mA to 150 mA
P_4.2.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com