Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263-2GS Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4263-2GS
Description  5 V low drop voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2GS Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4263-2GS Datasheet HTML 1Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 2Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 3Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 4Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 5Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 6Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 7Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 8Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Datasheet
5
Rev. 1.0
2023-07-11
OPTIREG™ linear TLE4263-2GS
5 V low drop voltage regulator
Pin configuration
2
Pin configuration
Figure 2
Pin configuration (top view)
Table 1
Pin definition and functions
Pin
Symbol
Function
1I
Input
for compensating line influences, a capacitor to GND close to the IC terminals is
recommended
2INH
Inhibit
enables/disables the device;
connect to I if the this function is not needed
3RO
Reset Output
open-collector output connected to the output via an internal 30kΩ pull-up
resistor;
leave open if the this function is not needed
4GND
Ground
5D
Reset Delay Timing
connect a ceramic capacitor to GND for adjusting the reset delay time / watchdog
trigger time;
leave open if this function is not needed
6RADJ
Reset Threshold Adjust
connect an external voltage divider to adjust the reset switching threshold;
connect to GND for using internal threshold
7W
Watchdog
rising edge triggered input for monitoring a microcontroller;
connect to GND if this function is not needed
8Q
Output
block to ground with a capacitor close to the IC terminals with a capacitance
value CQ ≥ 22 µF, ESR ≤ 3 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com