Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7274 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7274
Description  5-V Low Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7274 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7274 Datasheet HTML 1Page - Infineon Technologies AG TLE7274 Datasheet HTML 2Page - Infineon Technologies AG TLE7274 Datasheet HTML 3Page - Infineon Technologies AG TLE7274 Datasheet HTML 4Page - Infineon Technologies AG TLE7274 Datasheet HTML 5Page - Infineon Technologies AG TLE7274 Datasheet HTML 6Page - Infineon Technologies AG TLE7274 Datasheet HTML 7Page - Infineon Technologies AG TLE7274 Datasheet HTML 8Page - Infineon Technologies AG TLE7274 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input voltage
V
I
5.5
42
V
–
Junction temperature
T
j
-40
150
°C
–
TLE 7274
Data Sheet
5
Rev. 1.0, 2005-02-09
Note: In the operating range, the functions given in the circuit description are fulfilled.
Table 4
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Max.
Junction case
R
thj-c
–
8
K/W –
Junction ambient
R
thj-a
–
80
K/W TO252
1) Worst case, regarding peak temperature; zero airflow; mounted on a PCB FR4, 80
× 80 × 1.5 mm3, heat sink
area 300 mm2
1)
Junction ambient
R
thj-a
–
55
K/W TO263
2) Worst case, regarding peak temperature; zero airflow; mounted on a PCB FR4, 80
× 80 × 1.5 mm3, heat sink
area 300 mm2
The listed characteristics are ensured over the operating range of the integrated circuit.
Typical characteristics specify mean values expected over the production spread.
If not otherwise specified, typical characteristics apply at
T
a = 25 °C and the given
supply voltage.
2)
Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com