Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7274 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE7274
Description  5-V Low Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7274 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE7274 Datasheet HTML 4Page - Infineon Technologies AG TLE7274 Datasheet HTML 5Page - Infineon Technologies AG TLE7274 Datasheet HTML 6Page - Infineon Technologies AG TLE7274 Datasheet HTML 7Page - Infineon Technologies AG TLE7274 Datasheet HTML 8Page - Infineon Technologies AG TLE7274 Datasheet HTML 9Page - Infineon Technologies AG TLE7274 Datasheet HTML 10Page - Infineon Technologies AG TLE7274 Datasheet HTML 11Page - Infineon Technologies AG TLE7274 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet
8
Rev. 1.0, 2005-02-09
TLE 7274
Typical Performance Characteristics
Current Consumption I
q versus
Junction Temperature T
j
1_Iq- T j.v s d
10
1
0.01
10 0
I
q [µ A ]
-4 0
T
j [° C ]
-2 0
2 0 4 0
8 0 1 0 0
06 0
1 4 0
12 0
V
I = 1 3 .5 V
I
Q = 10 0 µ A
Current Consumption I
q versus Output
Current I
Q
04 0
6 0
2_IQ -IQ .V S D
15
10
5
20
20
100
T
j = - 40 ° C
30
T
j = 2 5 ° C
I
Q [m A ]
I
q [µ A ]
V
I = 13. 5 V
Current Consumption I
q versus Input
Voltage V
I
0
V
I [V ]
20
3 0
I
q [µ A ]
3_IQ - V I.V S D
30
20
10
40
10
4 0
I
Q = 0. 2m A
I
Q = 1 0 m A
I
Q = 50m A
Tj = 2 5 ° C
Output Voltage V
Q versus Junction
Temperature T
j
-4 0
T
j [° C ]
- 20
2 0
40
8 0 100
V
Q [V ]
5A _V Q - T J . V S D
5.0 0
4.9 5
4.9 0
5.0 5
06 0
1 4 0
12 0
V
I = 1 3 .5 V
I
Q = 1 0 0 µ A . ..1 0 0 m A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com