Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL711 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IL711
Description  Dual Digital Isolator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL711 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IL711 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IL711/712
ISOLOOP®
3
RHOPOINT COMPONENTS Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
Electrical Specifications
Electrical Specifications are Tmin to Tmax unless otherwise stated.
Parameter
Symbol
3.3 Volt Specifiations
5Volt Specifications
Units
Test Conditions
DC Specifications
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Quiescent Supply Current
IL711
I
DD
1
914
12
20
µA
IL712
2.2
3.3
3
5
mA
Output Quiescent Supply Current
IL711
I
DD2
2.2
3.3
4
5
mA
IL712
2.2
3.3
3
5
mA
Logic Input Current
I
I
-10
10
-10
10
µA
Logic High Output Voltage
V
OH
VDD-0.1
VDD
VDD-0.1
VDD
VI
O =-20 µA, VI =VIH
0.8*V
DD VDD-0.5
0.8*V
DD
V
DD-0.5
I
O
=-4mA, V
I =VIH
Logic Low Output Voltage
V
OL
0
0.1
0
0.1
V
I
O =20 µA, VI =VIL
0.5
0.8
0.5
0.8
I
O
= 4 mA, V
I =VIL
Switching Specifications
Maximum Data Rate
100
110
100
110
MBd
C
L =15pF
Pulse Width
PW
10
10
ns
Propagation Delay
Input to Output (High to Low)
t
PHL
12
18
10
15
ns
C
L
=15pF
Propagation Delay
Input to Output ( Low to High)
t
PLH
12
18
10
15
ns
C
L
=15pF
Pulse Width Distortion
(2)
| tPHL- tPLH |
PWD
2
3
2
3
ns
C
L
=15pF
Propagation Delay Skew
(3)
t
PSK
46
4
6
ns
C
L =15pF
Output Rise Time (10-90%)
t
R
24
1
3
ns
C
L =15pF
Output Fall Time (10-90%)
t
F
24
1
3
ns
C
L =15pF
Transient Immunity (Output Logic
|CMH|
20
30
20
30
kV/
µs
Vcm =300V
High or Logic Low)
(4)
|CML|
Channel to Channel Skew
T
CSK
23
2
3
ns
C
L =15pF
Timing Diagram
V
IN
V
O
50%
50%
90%
10%
10%
90%
t
PLH
t
PW
t
PHL
t
F
t
R
Legend
t
PLH
Propagation Delay, Low to High
t
PHL
Propagation Delay, High to Low
t
PW
Minimum Pulse Width
t
R
Rise Time
t
F
Fall Time



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com