Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL711 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IL711
Description  Dual Digital Isolator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL711 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IL711 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IL711/712
ISOLOOP®
5
RHOPOINT COMPONENTS Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IR Soldering Profile
1V
DD1
Input Power Supply
21
IN
Channel 1 Logic Input Signal
32
OUT
Channel 2 Logic Output Signal
4
GND
1
Input Power Supply Ground
5
GND
2
Output Power Supply Ground
62
IN
Channel 2 Logic Input Signal
71
OUT
Channel 1 Logic Output Signal
8V
DD2
Output Power Supply
Pin Connections
1V
DD1
Input Power Supply
21
IN
Channel 1 Logic Input Signal
32
IN
Channel 2 Logic Input Signal
4
GND
1
Input Power Supply Ground
5
GND
2
Output Power Supply Ground
62
OUT
Channel 2 Logic Output Signal
71
OUT
Channel 1 Logic Output Signal
8V
DD2
Output Power Supply
1
2
3
45
6
7
8
IL711
V
DD1
V
DD2
GND
1
GND
2
1
IN
1
OUT
2
IN
2
OUT
IL712
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
V
DD2
V
DD1
GND
2
GND
1
1
IN
1
OUT
2
IN
2
OUT
250
200
100
0
0
50
ROOM
TEMPERATURE
100
150
200
250
TIME (SECONDS)
160ºC
150ºC
140ºC
PRE HEATING TIME
2.5ºC
±0.5ºC / SEC
PEAK TEMPERATURE 245º C
PEAK TEMPERATURE 240°C
PEAK TEMPERATURE 230ºC
SOLDERING TIME
200ºC
PRE HEATING RATE 3ºC + 1ºC /-0.5ºC /SEC.
REFLOW HEATING RATE 2.5º C
± 0.5ºC /SEC.
TIGHT
TYPICAL
LOOSE
200º C
50 SEC
30 SEC
30 SEC
3ºC+1ºC /-0.5ºC
150ºC, 90
±30 SEC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com