Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC803 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC803
Description  Fully Integrated High Current Lithium-Ion Battery Charger System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC803 Datasheet(HTML) 1 Page - Semtech Corporation

  SC803 Datasheet HTML 1Page - Semtech Corporation SC803 Datasheet HTML 2Page - Semtech Corporation SC803 Datasheet HTML 3Page - Semtech Corporation SC803 Datasheet HTML 4Page - Semtech Corporation SC803 Datasheet HTML 5Page - Semtech Corporation SC803 Datasheet HTML 6Page - Semtech Corporation SC803 Datasheet HTML 7Page - Semtech Corporation SC803 Datasheet HTML 8Page - Semtech Corporation SC803 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
www.semtech.com
SC803
Fully Integrated High Current
Lithium-Ion Battery Charger System
POWER MANAGEMENT
Revision 4, November 2004
Description
Features
Applications
Typical Application Circuit
Fully integrated charger with FET pass transistor,
reverse-blocking diode, sense resistor and thermal
protection
Complete voltage ranges of 4.1V, 4.2V &
adjustable
Programmable precharge, fastcharge & termination
current
Battery voltage controlled to 1% accuracy
Soft-start for step load and adaptor plug-in
Up to 1.5A continuous charge current
Charge current monitor output from microcontroller
or ADC Interface
Input voltages range from 4.2V to 7V
0.1µA Battery drain current in shutdown and
monitor modes
Operates without a battery in regulated LDO mode
Small 4mm x 4mm 16 lead MLP package
Low thermal impedance of 50°
°°
°
°C/watt
Few external components
Over current protection in all charging modes
Over voltage protection with fault pin output
All outputs able to drive LED’s and interface to host
processor
Remote Kelvin sensing at the battery terminal
Small input & output filter capacitors
Status output communicates charging and end of
charge cycle
Cellular phones
PDA’s
Handheld meters
Charging stations
Handheld computers
Digital cameras
Programmable current source
The SC803 is a fully integrated, single cell, constant-cur-
rent constant-voltage Lithium-Ion battery charger man-
agement system. The SC803 has built in intelligence and
extreme functionality. When the battery voltage is below
2.8V the charger operates in a pre-charge mode with a
charging current of up to 125mA based on the ITERM
pin resistor. This pre-charge mode is set to limit power
dissipation due to an undercharged battery. When the
battery voltage exceeds 2.8V, the charger enters a fast
charge mode. In this mode, the SC803 delivers up to
1.5A to the battery based on the IPRGM pin resistor.
The part also features current termination, ending the
charge cycle when the battery is charged and the charge
current drops below the current programmed by the
ITERM pin resistor. In addition, the charge current can
be monitored by the voltage on the IPRGM pin allowing a
microcontroller or ADC to access the current informa-
tion to determine when to externally terminate the charge
cycle. Once the charge cycle is complete and terminates,
the device enters the charge monitor mode where the
output voltage of the battery is monitored. If this voltage
drops below the recharge threshold the device will enter
the fast charge mode again, to bring the battery to its
fully charged state. Both the shutdown and monitor
modes drain no more than 1uA from the battery guaran-
teed.
The output voltage to the battery is controlled to within
1% of the programmed voltage for either 4.1V or 4.2V.
The SC803 can also function as a general purpose cur-
rent source or as a current source for charging nickel-
cadmium (NiCd) and nickel-metal-hydride (NiMH) batter-
ies using external termination.
88
R2
1.5
Current
n
Terminatio
•
=
1000
R1
1.5
Current
Charge
Fast
•
=
−
88
R2
2.8
Current
Charge
Pre
•
=
−
R1
CHARGER VIN
SC803
14
1
3
7
4
15
9
10
2
11
5
8
13
6
16
12
VCC
BSEN
IPRGM
EN
ITERM
VOUT
OVP
STAT
VPRGM
CP
NC
BIP
VCC
GND
VOUT
NC
STATUS
CHARGER
FAULT
R2
BATTERY
C1
1uF
C2
2.2uF
PRESENT


Similar Part No. - SC803

ManufacturerPart #DatasheetDescription
logo
Clarke International
SC80-1 CLARKE-SC80-1 Datasheet
5Mb / 40P
DUAL FUEL INVERTER GENERATOR
DL0226 - Rev 1
logo
GardTec, Inc.
SC80-P10 GARDTEC-SC80-P10 Datasheet
26Kb / 1P
Thru-hole Plastic
logo
Switchcraft, Inc.
SC800 SWITCH-SC800 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
ZKTECO CO., LTD. All ri...
SC800 ZKTECO-SC800 Datasheet
687Kb / 2P
Design With Simplicity Multi-Tech Card Access Control Terminal
V1.4 12/28/2023
logo
celduc-relais
SC800010 CELDUC-SC800010 Datasheet
107Kb / 2P
Power Solid State Relay
More results

Similar Description - SC803

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC801 SEMTECH-SC801 Datasheet
360Kb / 17P
Fully Integrated High Currnet Lithium-Ion Battery Charger System
SC802 SEMTECH-SC802 Datasheet
748Kb / 16P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC806 SEMTECH-SC806 Datasheet
413Kb / 13P
Miniature High Current Lithium-Ion Battery Charger
SC805 SEMTECH-SC805 Datasheet
283Kb / 15P
Miniature Integrated High Current Lithium-Ion Battery Charger
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804A SEMTECH-SC804A Datasheet
539Kb / 21P
Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
SC805A SEMTECH-SC805A Datasheet
702Kb / 17P
Miniature Integrated High Current Lithium-Ion Battery Charger
SC801 SEMTECH-SC801_04 Datasheet
736Kb / 17P
Fully Integrated High Current Lithium-Ion Battery Charger System
SC802 SEMTECH-SC802_08 Datasheet
639Kb / 18P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC805A SEMTECH-SC805A_08 Datasheet
424Kb / 17P
Miniature Integrated High Current Lithium-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com