Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC803 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC803
Description  Fully Integrated High Current Lithium-Ion Battery Charger System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC803 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC803 Datasheet HTML 9Page - Semtech Corporation SC803 Datasheet HTML 10Page - Semtech Corporation SC803 Datasheet HTML 11Page - Semtech Corporation SC803 Datasheet HTML 12Page - Semtech Corporation SC803 Datasheet HTML 13Page - Semtech Corporation SC803 Datasheet HTML 14Page - Semtech Corporation SC803 Datasheet HTML 15Page - Semtech Corporation SC803 Datasheet HTML 16Page - Semtech Corporation SC803 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
 2004 Semtech Corp.
www.semtech.com
SC803
POWER MANAGEMENT
Typical Characteristics
Fast Charge Current vs IPRGM Resistance
0
200
400
600
800
1000
1200
1400
1.2 1.3 1.5 1.6 1.9 2.2 2.6 3.1 4.0 5.6 9.4 27.6
IPRGM Resistance (kohm)
Output Voltage vsTemperature
4.18
4.19
4.2
4.21
-40 -20
0
20406080 100 120
Temperature (Degrees C)
ILOAD = 250mA
ILOAD = 500mA
Output Voltage vs Temperature
4.08
4.09
4.1
4.11
-40 -20
0
20 406080 100 120
Temperature (Degrees C)
ILOAD = 250mA
ILOAD = 500mA
Charge Mode Bias Current vs Input Voltage
1
1.25
1.5
1.75
2
4.3
4.7
5.1
5.5
5.9
6.3
6.7
Input Voltage (Volts)
LDO Mode Bias Current vs Input Voltage
0
2
4
6
8
10
12
14
16
4.3 4.5 4.7 4.9 5.1 5.3 5.5 5.7 5.9 6.1 6.3 6.5 6.7 6.9
Input Voltage (Volts)
Vout Leakage Current vs Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-40
-20
0
20
40
60
80
100
120
Temperature (Degrees C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com