Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M147 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # UT63M147
Description  MIL-STD-1553A/B Bus Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M147 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT63M147 Datasheet HTML 5Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 6Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 7Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 8Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 9Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 10Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 11Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 12Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Appendix 2 - 9
DC ELECTRICAL CHARACTERISTICS 1
VCC = 5.0V ±10%
-55
°C < T
C < +125°C
Note:
1. All tests guaranteed per test figure 6.
2. Guaranteed but not tested.
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
CONDITION
VIL
Input low voltage
0.8
V
RXEN, TXIHB, TXIN, TXIN
VIH
Input high voltage
2.0
V
RXEN, TXIHB, TXIN, TXIN
IIL
Input low current
-0.1
mA
VIL = 0.4V; RXEN, TXIHB, TXIN,
TXIN
IIH
Input high current
-40
40
µA
VIH = 2.7V; RXEN, TXIHB, TXIN,
TXIN
VOL
Output low voltage
.55
V
IOL = 4mA; RXOUT, RXOUT
VOH
Output high voltage
2.4
V
IOH = 0.4mA; RXOUT, RXOUT
ICC
VCC supply current
22
200
380
650
740
mA
mA
mA
mA
mA
0% duty cycle (non-transmitting)
25% duty cycle (
ƒ = 1MHz)
50% duty cycle (
ƒ = 1MHz)
87.5% duty cycle (
ƒ = 1MHz)
100% duty cycle (
ƒ = 1MHz)2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com