Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M147 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT63M147
Description  MIL-STD-1553A/B Bus Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M147 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT63M147 Datasheet HTML 1Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 2Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 3Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 4Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 5Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 6Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 7Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 8Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Appendix 2 - 2
The transmitter section accepts biphase TTL-level signal data
at its TXIN and TXIN and produces MIL-STD-1553 data
signals. The transmitter’s output voltage is typically
12 VPP, L-L. Activating the TXIHB input or setting both data
inputs to the same logic level disables the transmitter outputs.
The UT63M14x series offers complete transmitter and receiver
pairs packaged in a dual-channel 36-pin DIP or 24-lead flatpack
configurations designed for use in any MIL-STD-1553
application.
Legend for TYPE field:
TI
=
TTL input
TO
=
TTL output
DO
=
Differential output
DI
=
Differential input
DIO =
Differential input/output
( )
=
Channel designator
[ ]
=
24-lead flatpack
TRANSMITTER
Note:
1. The 24-lead flatpack internally connects TXOUT to RXIN (CHA, CHB) and TXOUT to RXIN (CHA, CHB) for each channel.
NAME
PIN
NUMBER
TYPE
DESCRIPTION
TXOUT 1
(A)
TXOUT
(B)
1 [1]
10 [7]
DO
[DIO]
DO
[DIO]
Transmitter outputs: TXOUT and TXOUT are differential data
signals.
TXOUT 1
(A)
TXOUT
(B)
2 [2]
11 [8]
DO
[DIO]
DO
[DIO]
TXOUT is the half-cycle complement of TXOUT.
TXIHB
(A)
TXIHB
(B)
34 [22]
25 [16]
TI
TI
Transmitter inhibit: This is an active high input signal.
TXIN
(A)
TXIN
(B)
35 [23]
26 [17]
TI
TI
Transmitter input: TXIN and TXIN are complementary TTL-
level Manchester II encoder inputs.
TXIN
(A)
TXIN
(B)
36 [24]
27 [18]
TI
TI
TXIN is the complement of TXIN input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com