Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M147CCC Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT63M147CCC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M147CCC Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT63M147CCC Datasheet HTML 1Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 2Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 3Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 4Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 5Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 6Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 7Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 8Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Standard Products
UT63M147 MIL-STD-1553A/B Bus
Transceiver
Data Sheet
May 2006
FEATURES
5-volt only operation (+10%)
Fit and functionally compatible to industry standard
transceiver
Idle low transmitter inputs and receiver outputs
Dual-channel 50-mil center 24-lead Flatpack
Dual-channel 100-mil center 36-pin DIP
Full military operating temperature range, -55
°C to +125°C,
screened to QML Q or QML V requirements
Radiation hardened to 1.0E6 rads(Si)
Supports MIL-STD-1553 (UT63M147)
Standard Microcircuit Drawing (SMD) 5962-93226 available
INTRODUCTION
The monolithic UT63M147 Transceivers are complete
transmitter and receiver pairs for MIL-STD-1553A and 1553B
applications. Encoder and decoder interfaces are idle low.
The receiver section of the UT63M147 series accepts biphase-
modulated Manchester II bipolar data from a MIL-STD-1553
data bus and produces TTL-level signal data at its RXOUT and
RXOUT outputs. An external RXEN input enables or disables
the receiver outputs.
TXIN
RXOUT
RXEN
TO DECODER
DRIVERS
COMPARE
F ILTER
LIMITER
and
F ILTER
TXIHB
Figure 1. Functional Block Diagram
RXIN
TXOUT
RXIN
TXOUT
RXOUT
TXIN
THRESHOLD
REFERENCE


Similar Part No. - UT63M147CCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT63M105PCA ETC1-UT63M105PCA Datasheet
568Kb / 23P
MIL-STD-1553A/B Bus Transceiver
UT63M105PCA5 ETC1-UT63M105PCA5 Datasheet
568Kb / 23P
MIL-STD-1553A/B Bus Transceiver
UT63M105PCC ETC1-UT63M105PCC Datasheet
568Kb / 23P
MIL-STD-1553A/B Bus Transceiver
UT63M105PCC5 ETC1-UT63M105PCC5 Datasheet
568Kb / 23P
MIL-STD-1553A/B Bus Transceiver
UT63M105PCX ETC1-UT63M105PCX Datasheet
568Kb / 23P
MIL-STD-1553A/B Bus Transceiver
More results

Similar Description - UT63M147CCC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
logo
List of Unclassifed Man...
UT63M1XX ETC1-UT63M1XX Datasheet
568Kb / 23P
MIL-STD-1553A/B Bus Transceiver
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
MIL-STD-1553 TRANSCEIVER
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
Data Bus (MIL-STD-1553B) Components
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Aeroflex Circuit Techno...
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
logo
MMD Components
MVLP2 MMD-MVLP2 Datasheet
106Kb / 2P
MIL-STD-883 Level B
logo
Tyco Electronics
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
Data Bus (MIL-STD-1553B) Components
Revised 12-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com