Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M147CCC Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # UT63M147CCC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M147CCC Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button UT63M147CCC Datasheet HTML 8Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 9Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 10Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 11Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 12Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 13Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 14Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 15Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 16Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Appendix 2 - 12
AC ELECTRICAL CHARACTERISTICS 1
VCC = 5.0V ±10%
-55
°C < T
C < +125°C
Notes:
1. All tests guaranteed per test figure 6.
2. Guaranteed by device characterization.
3. Supplied as a design limit but not guaranteed or tested.
4. Delay time from transmit inhibit (1.5V) rising to transmit off (280mV).
5. Delay time from not transmit inhibit (1.5V) falling to transmit off (1.2V).
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
CONDITION
tR, tF
Transmitter output rise/
fall time (see figure 10)
100
300
ns
Input
ƒ = 1MHz 50% duty cycle:
direct-coupled RL = 35 ohms output
at 10% through 90% points TXOUT,
TXOUT. Figure 10.
tRXDD
RXOUT delay
-200
200
ns
RXOUT to RXOUT, Figure 4.
tTXDD
3
TXIN skew
-25
25
ns
TXIN to TXIN, Figure 3.
tRZCD
Zero crossing distortion
(see figure 11)
-150
150
ns
Direct-coupled stub; input
ƒ = 1MHz,
3 VPP (skew INPUT ±150ns), rise/fall
time 200ns.
tTZCS
Zero crossing stability
(see figure 11)
-25
25
ns
Input TXIN and TXIN should create
Transmitter output zero crossings at
500ns, 1000ns, 1500ns, and 2000ns.
These zero crossings should not
deviate more than
±25ns.
tRDXOFF
3,4
Transmitter off; delay
from inhibit active
100
ns
TXIN and TXIN toggling @ 1MHz;
TXIHB transitions from logic zero to
one, see figure 12.
tDXON
3,5
Transmitter on; delay
from inhibit inactive
150
ns
TXIN and TXIN toggling @ 1MHz;
TXIHB transitions from logic one to
zero, see figure 13.
tRCVOFF
3
Receiver off
50
ns
Receiver turn off time, see figure 13.
tRCVON
3
Receiver on
50
ns
Receiver turn on time, see figure 13.
tRCVPD
3
Receiver propagation
450
ns
Receiver propagation delay, see
figure 13.
tXMITPD
3
Transmitter
propagation
200
ns
Transmitter propagation delay, see
figure 12.
Table 2. Transformer Requirements
COUPLING TECHNIQUE
± 5V
DC
DIRECT-COUPLED:
Isolation Transformer Ratio
2.5:1
TRANSFORMER-COUPLED:
Isolation Transformer Ratio
1.79:1
Coupling Transformer Ratio
1:1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com