Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M147BPC Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # UT63M147BPC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M147BPC Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button UT63M147BPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 15Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Appendix 2 - 11
TRANSMITTER ELECTRICAL CHARACTERISTICS 1
VCC = 5.0V ±10%
-55
°C < T
C < +125°C
Notes:
1. All tests guaranteed per test figure 6.
2. Guaranteed by device characterization. Capacitance is measured only for initial qualification and after any process or design changes which may affect
input or output capacitance.
3. For MIL-STD-1760, 22 Vp-p, L-L min.
4. Test in accordance with the method described in MIL-STD-1553B output symmetry, section 4.5.2.1.1.4.
5. Guaranteed to the limits specified if not tested.
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
CONDITION
VO
Output voltage swing per
MIL-STD-1553B 3, 5
(see figure 9)
per MIL-STD-1553B
(see figure 9)
per MIL-STD-1553A 5
(see figure 9)
18
6.0
6.0
27
9.0
20
VPP,L-L
VPP,L-L
VPP,L-L
Transformer-coupled stub, Figure 8,
Point A; input
ƒ = 1MHz,
RL = 70 ohms
Direct-coupled stub, Figure 8, Point
A; input
ƒ = 1MHz,
RL = 35 ohms
Figure 7, Point A; input
ƒ = 1MHz, R
L = 35 ohms
VNS
2
Output noise voltage
differential (see figure 9)
14
5
mV-RMS L-L
mV-RMS L-L
Transformer-coupled stub, Figure 8,
Point A; input
ƒ = DC to 10MHz, R
L
= 70 ohms
Direct-coupled stub, Figure 8, Point
A; input
ƒ = DC to 10MHz,
RL = 35 ohms
VOS
4
Output symmetry
-250
-90
+250
+90
mVPP,L-L
mVPP,L-L
Transformer-coupled stub, Figure 8,
Point A; RL = 140 ohms,
measurement taken 2.5
µs after end
of transmission
Direct-coupled stub, Figure 8, Point
A; RL = 35 ohms, measurement
taken 2.5
µs after end of transmission
VDIS
Output voltage
distortion (overshoot or
ring) (see figure 9)
-900
-300
+900
+300
mVpeak,L-L
mVpeak,L-L
Transformer-coupled stub, Figure 8,
Point A; RL = 70 ohms
Direct-coupled stub, Figure 8, Point
A; RL = 35 ohms
CIN
2
Input capacitance
15
pF
RXEN, TXIHB, TXIN, TXIN; input
ƒ = 1MHz @ 0V
TIZ
5
Terminal input
impedance
1
2
Kohm
Kohm
Transformer-coupled stub, Figure 7,
Point A; input
ƒ = 75KHz to 1MHZ
(power on or power off; non-
transmitting, RL removed from
circuit).
Direct-coupled stub, Figure 6, Point
A; input
ƒ = 75KHz to 1MHZ (power
on or power off; non-transmitting,
RL removed from circuit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com