Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M147BPC Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # UT63M147BPC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M147BPC Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button UT63M147BPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 16Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 17Page - Aeroflex Circuit Technology UT63M147BPC Datasheet HTML 18Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Appendix 2 - 14
10%
50%
50%
50%
zero crossing
tDXON
tXMITPD
tDXOFF
TX OUTPUT
INHIBIT
TX IN
and
TX IN
Figure 12. Transmitter Timing
50%
50%
50%
50%
50%
tRCVPD
tRCVON
tRCVOFF
zero crossing
RX INPUT
RXEN
RX OUT
and
RX OUT
RXEN
Figure 13. Receiving Timing
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com