Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMM-1627L-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # VMM-1627L-R
Description  100 Hz ~ 8 kHz Analog Microphone MEMS (Silicon) 1.5 V ~ 3.6 V Noise Cancelling (-31dB) Solder Pads
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

VMM-1627L-R Datasheet(HTML) 3 Page - PUI audio inc.

  VMM-1627L-R Datasheet HTML 1Page - PUI audio inc. VMM-1627L-R Datasheet HTML 2Page - PUI audio inc. VMM-1627L-R Datasheet HTML 3Page - PUI audio inc. VMM-1627L-R Datasheet HTML 4Page - PUI audio inc. VMM-1627L-R Datasheet HTML 5Page - PUI audio inc. VMM-1627L-R Datasheet HTML 6Page - PUI audio inc. VMM-1627L-R Datasheet HTML 7Page - PUI audio inc. VMM-1627L-R Datasheet HTML 8Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Typical Frequency Response
Recommended Soldering Procedure
Recommend reflow profile, solder reflow <=260℃ (for 30s Max of peak temperature)
Important Notes In order to minimize device damage:
1. Times of reflow ≤3
2. Pressure relief hole can’t be covered.
3. Pressure relief hole can’t be blown by strong wind.
4. Do not wash or clean the boards after the reflow process.
5. In the process of reflux, there can be no atomizing solvent or liquid



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com